Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9162A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9162A
Description  2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9162A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9162A Datasheet HTML 6Page - Monolithic Power Systems MP9162A Datasheet HTML 7Page - Monolithic Power Systems MP9162A Datasheet HTML 8Page - Monolithic Power Systems MP9162A Datasheet HTML 9Page - Monolithic Power Systems MP9162A Datasheet HTML 10Page - Monolithic Power Systems MP9162A Datasheet HTML 11Page - Monolithic Power Systems MP9162A Datasheet HTML 12Page - Monolithic Power Systems MP9162A Datasheet HTML 13Page - Monolithic Power Systems MP9162A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP9162A – 2A, 6V, 1.5MHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP9162A Rev. 1.01
www.MonolihicPower.com
13
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP9162A
PGND AGND
FB
VIN
C1
10 F
EN
VIN
2.5V to 6V
VOUT
1.2V/2A
SW
C2
10 F
R1
200k
R2
200k
PG
EN
PG
OUT
L1
1 H
Figure 4: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com