Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9472 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP9472
Description  0.45A, 18V, Non-Synchronous, Rectified, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9472 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP9472 Datasheet HTML 8Page - Monolithic Power Systems MP9472 Datasheet HTML 9Page - Monolithic Power Systems MP9472 Datasheet HTML 10Page - Monolithic Power Systems MP9472 Datasheet HTML 11Page - Monolithic Power Systems MP9472 Datasheet HTML 12Page - Monolithic Power Systems MP9472 Datasheet HTML 13Page - Monolithic Power Systems MP9472 Datasheet HTML 14Page - Monolithic Power Systems MP9472 Datasheet HTML 15Page - Monolithic Power Systems MP9472 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP9472–0.45A, 18V, NON-SYNCHRONOUS, RECTIFIED, STEP-DOWN CONVERTER
MP9472 Rev. 1.0
www.MonolithicPower.com
12
12/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high-quality ceramic
capacitor (i.e.: 0.1μF) placed as close to the IC
as possible. When using ceramic capacitors,
ensure that they have enough capacitance to
provide a sufficient charge to prevent excessive
voltage ripple at the input. The input voltage
ripple for low ESR capacitors can be estimated
with Equation (8):
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
=
Δ
IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
f
1
C
I
V
(8)
Where C1 is the input capacitance value.
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are recommended to keep
the output voltage ripple low. The output voltage
ripple can be estimated with Equation (9):
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
Δ
2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
(9)
Where C2 is the output capacitance value and
RESR is the equivalent series resistance (ESR)
value of the output capacitor.
With ceramic capacitors, the impedance at the
switching
frequency
is
dominated
by
the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated with
Equation (10):
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
ΔV
(10)
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated with Equation (11):
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
(11)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP9472 can be optimized for a wide range of
capacitance and ESR values.
Compensation Components
The MP9472 employs current-mode control for
easy compensation and fast transient response.
The system stability and transient response are
controlled through COMP. COMP is the output of
the internal transconductance error amplifier. A
series resistor-capacitor combination sets a pole-
zero combination to control the characteristics of
the control system.
The DC gain of the voltage feedback loop can be
calculated with Equation (12):
OUT
FB
EA
CS
LOAD
VDC
V
V
A
G
R
A
×
×
×
=
(12)
Where AVEA is the error amplifier voltage gain,
GCS is the current sense transconductance, and
RLOAD is the load resistor value.
The system has two important poles. One is due
to the compensation capacitor (C3) and the
output resistor of the error amplifier, and the
other is due to the output capacitor and the load
resistor. These poles are determined with
Equation (13) and Equation (14):
VEA
EA
1
P
A
3
C
2
G
f
×
×
π
=
(13)
LOAD
2
P
R
2
C
2
1
f
×
×
π
=
(14)
Where GEA is the error amplifier transconductance.
The system has one important zero due to the
compensation
capacitor
(C3)
and
the
compensation resistor (R3). This zero can be
determined with Equation (15):
3
R
3
C
2
1
f 1
Z
×
×
π
=
(15)
The system may have another zero if the output
capacitor has a large capacitance or a high ESR
value. This zero is due to the ESR and
capacitance of the output capacitor and can be
determined with Equation (16):
ESR
ESR
R
2
C
2
1
f
×
×
π
=
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com