Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9472 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP9472
Description  0.45A, 18V, Non-Synchronous, Rectified, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9472 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP9472 Datasheet HTML 8Page - Monolithic Power Systems MP9472 Datasheet HTML 9Page - Monolithic Power Systems MP9472 Datasheet HTML 10Page - Monolithic Power Systems MP9472 Datasheet HTML 11Page - Monolithic Power Systems MP9472 Datasheet HTML 12Page - Monolithic Power Systems MP9472 Datasheet HTML 13Page - Monolithic Power Systems MP9472 Datasheet HTML 14Page - Monolithic Power Systems MP9472 Datasheet HTML 15Page - Monolithic Power Systems MP9472 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP9472–0.45A, 18V, NON-SYNCHRONOUS, RECTIFIED, STEP-DOWN CONVERTER
MP9472 Rev. 1.0
www.MonolithicPower.com
13
12/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
In this case, a third pole set by the compensation
capacitor (CPOLE, from COMP to GND) and the
compensation
resistor
(R3)
is
used
to
compensate for the effect of the ESR zero on the
loop gain. This pole can be determined with
Equation (17):
P3
POLE
1
f
2C
R3
=
π×
×
(17)
The goal of the compensation design is to shape
the converter transfer function to obtain a desired
loop gain. The system crossover frequency
where the feedback loop has unity gain is
important. Lower crossover frequencies result in
slower line and load transient responses, while
higher crossover frequencies can cause system
instability. It is recommended to set the crossover
frequency below one-tenth of the switching
frequency.
To optimize the compensation components, the
following procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. R3 can be
determined with Equation (18):
FB
OUT
CS
EA
S
FB
OUT
CS
EA
C
V
V
G
G
f
1
.
0
2
C
2
V
V
G
G
f
2
C
2
3
R
×
×
×
×
×
π
<
×
×
×
×
π
=
(18)
Where fC is the desired crossover frequency,
typically below one-tenth of the switching
frequency.
2. Choose the compensation capacitor (C3) to
achieve the desired phase margin. For
applications with typical inductor values,
setting the compensation zero (fZ1) below
one-fourth
of
the
crossover
frequency
provides sufficient phase margin.
Determine the C3 value with Equation (19):
C
f
3
R
2
4
3
C
×
×
π
>
(19)
Where R3 is the compensation resistor.
3. Determine
if
a
second
compensation
capacitor (CPOLE, from COMP to GND) is
required. It is required if the frequency of the
zero created by the ESR of the output
capacitor is less than half of the switching
frequency. Otherwise, Equation (20) is valid:
S
ESR
f
1
2C2 R
2
<
π×
×
(20)
If this is the case, then add a second
compensation capacitor (CPOLE) to set the
pole (fP3) at the location of the ESR zero.
Determine the CPOLE value with Equation (21):
ESR
POLE
C2 R
C
R3
×
=
(21)
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator and is required under
the following conditions:
•
VOUT = 5V or 3.3V
•
Duty cycle is high: D =
IN
OUT
V
V
> 65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST (see Figure 2).
Figure 2: Optional External Bootstrap Diode
Added to Enhance Efficiency
The recommended external BST diode is IN4148,
and the recommended BST cap is 0.01µF.
The MP9472 charges the BST capacitor through
an internal 5V power supply. During each period,
it pulls SW to GND internally to charge the BST
capacitor. In light-load mode, if SW cannot be
pulled down to GND and charge the BST voltage
high enough, even when the duty cycle is low
and the external bootstrap diode is added, avoid
running the MP9472 in extremely light loads or
adding a dummy load to keep it in normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com