Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20056 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP20056
Description  Low-Noise, High-PSRR, 250mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20056 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP20056 Datasheet HTML 7Page - Monolithic Power Systems MP20056 Datasheet HTML 8Page - Monolithic Power Systems MP20056 Datasheet HTML 9Page - Monolithic Power Systems MP20056 Datasheet HTML 10Page - Monolithic Power Systems MP20056 Datasheet HTML 11Page - Monolithic Power Systems MP20056 Datasheet HTML 12Page - Monolithic Power Systems MP20056 Datasheet HTML 13Page - Monolithic Power Systems MP20056 Datasheet HTML 14Page - Monolithic Power Systems MP20056 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP20056 – LOW-NOISE, HIGH-PSRR, 250mA LINEAR REGULATOR
MP20056 Rev.1.1
www.MonolithicPower.com
11
12/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP20056 is a low-dropout linear regulator
that can supply up to 250mA current, which
makes it suitable for very low voltage, low
quiescent,
low
noise,
and
high
PSRR
applications, such as wireless LAN transceivers,
notebook computers, smartphones, and other
low-power electronics.
The MP20056 uses an internal PMOS as the
pass
element
and
includes
both
thermal
shutdown and an internal current-limiting circuit.
Dropout Voltage
Dropout voltage is the minimum input to output
differential voltage required for the regulator to
maintain an output voltage within 100mV of its
nominal value. Because the PMOS pass element
behaves as a low-value resistor.
Shutdown
The MP20056 can be switched ON or OFF by a
logic input at the EN pin: Logic high turns the
regulator on and logic low turns it off. Tie the EN
pin to VIN if the application does not require the
shutdown feature. Do not float the EN pin.
Current Limit
The MP20056 includes a current limit structure
that monitors and controls the PMOS gate
voltage to limit the guaranteed maximum output
current to 0.4A.
Thermal Protection
Thermal protection turns off the PMOS when the
junction temperature exceeds 150°C, allowing
the IC to cool. When the IC’s junction
temperature drops by 20°C, the PMOS will turn
on again. Thermal protection limits total power
dissipation
in
the
MP20056.
For
reliable
operation, limit the junction temperature to a
maximum of 125°C.
Load-Transient Considerations
The output response of the load-transient
consists of a transient response and DC shift—
the
MP20056’s
excellent
load
regulation
effectively limits the DC shift. The output voltage
transient depends on the output capacitor’s value
and ESR. Increasing the capacitance and
decreasing the ESR will improve the transient
response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com