Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20056 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP20056
Description  Low-Noise, High-PSRR, 250mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20056 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP20056 Datasheet HTML 7Page - Monolithic Power Systems MP20056 Datasheet HTML 8Page - Monolithic Power Systems MP20056 Datasheet HTML 9Page - Monolithic Power Systems MP20056 Datasheet HTML 10Page - Monolithic Power Systems MP20056 Datasheet HTML 11Page - Monolithic Power Systems MP20056 Datasheet HTML 12Page - Monolithic Power Systems MP20056 Datasheet HTML 13Page - Monolithic Power Systems MP20056 Datasheet HTML 14Page - Monolithic Power Systems MP20056 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP20056 – LOW-NOISE, HIGH-PSRR, 250mA LINEAR REGULATOR
MP20056 Rev.1.1
www.MonolithicPower.com
12
12/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage of the MPQ20055 is preset to
1.8V, 2.5V or 3.3V by internal resistor divider.
The output voltage also can be adjusted by using
an external resistor divider (R1 and R2 in Figure
2).
MP20056
R1
R2
VOUT
FB
GND
Figure 2: Setting the Output Voltage
However, the sum of R1 and R2 should not
exceed 10kΩ to minimize their impact on the
internal resistor divider. For an accurate output-
voltage setting, use 1kΩ (±1%) for R2, and
determine R1 with:


FB
FB
OUT
V
V
V
2
R
1
R
For example, for a 1.1V output voltage, R2 is 1kΩ,
and R1 is 374Ω. You can select a standard 374Ω
(±1%) resistor for R1.
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature differential between the
junction and ambient air, and the rate of air flow.
The power dissipation across the device can be
represented by the equation:

OUT
OUT
IN
I
V
V
P
The
allowable
power
dissipation
can
be
calculated using the following equation:
JA
Ambient
Junction
(MAX)
T
T
P
/
Where (TJunction − TAmbient) is the temperature
differential
between
the
junction
and
the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connecting the exposed GND pad
to a large ground pad or plane helps to channel
away heat.
Output Capacitor Selection
The MP20056 is specifically designed to work
with a standard ceramic output capacitor to save
space and improve performance. Use a 4.7µF
ceramic capacitor for most applications. Larger
output capacitors will improve load transient
response and reduce noise at the cost of
increased size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com