Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT2018B Datasheet(PDF) 4 Page - SiTime Corp.

Part # SIT2018B
Description  High Temp, Single-Chip, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2018B Datasheet(HTML) 4 Page - SiTime Corp.

  SIT2018B Datasheet HTML 1Page - SiTime Corp. SIT2018B Datasheet HTML 2Page - SiTime Corp. SIT2018B Datasheet HTML 3Page - SiTime Corp. SIT2018B Datasheet HTML 4Page - SiTime Corp. SIT2018B Datasheet HTML 5Page - SiTime Corp. SIT2018B Datasheet HTML 6Page - SiTime Corp. SIT2018B Datasheet HTML 7Page - SiTime Corp. SIT2018B Datasheet HTML 8Page - SiTime Corp. SIT2018B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT2018B
High Temp, Single-Chip, One-Output Clock Generator
Rev. 1.0
Page 4 of 12
www.sitime.com
Note:
7. SiT2018 has “no runt” pulses and “no glitch” output during startup or resume.
Test Circuit and Waveform[6]
Figure 2. Test Circuit
Note:
6. Duty Cycle is computed as Duty Cycle = TH/Period.
Figure 3. Output Waveform
Timing Diagrams
Figure 4. Startup Timing (OE/ST Mode)
Figure 5. Standby Resume Timing (ST Mode Only)
u
Figure 6. OE Enable Timing (OE Mode Only)
Figure 7. OE Disable Timing (OE Mode Only)
5
1
4
3
0.1µF
Power
Supply
OE/ST Function
Test
Point
15 pF
(including probe
and fixture
capacitance)
Vdd
2
Vout
Vdd
1k
80% Vdd
High Pulse
(TH)
50%
20% Vdd
Period
Tf
Tr
Low Pulse
(TL)
90% Vdd
Vdd
Pin 4 Voltage
CLK Output
T_start
T_start: Time to start from power-off
No Glitch
during start up
[7]
HZ
50% Vdd
Vdd
ST Voltage
CLK Output
T_resume
T_resume: Time to resume from ST
HZ
50% Vdd
Vdd
OE Voltage
CLK Output
T_oe
T_oe: Time to re-enable the clock output
HZ
50% Vdd
Vdd
OE Voltage
CLK Output
T_oe: Time to put the output in High Z mode
HZ
T_oe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com