Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT2018B Datasheet(PDF) 7 Page - SiTime Corp.

Part # SIT2018B
Description  High Temp, Single-Chip, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2018B Datasheet(HTML) 7 Page - SiTime Corp.

Back Button SIT2018B Datasheet HTML 3Page - SiTime Corp. SIT2018B Datasheet HTML 4Page - SiTime Corp. SIT2018B Datasheet HTML 5Page - SiTime Corp. SIT2018B Datasheet HTML 6Page - SiTime Corp. SIT2018B Datasheet HTML 7Page - SiTime Corp. SIT2018B Datasheet HTML 8Page - SiTime Corp. SIT2018B Datasheet HTML 9Page - SiTime Corp. SIT2018B Datasheet HTML 10Page - SiTime Corp. SIT2018B Datasheet HTML 11Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT2018B
High Temp, Single-Chip, One-Output Clock Generator
Rev. 1.0
Page 7 of 12
www.sitime.com
Programmable Drive Strength
The SiT2018 includes a programmable drive strength feature
to provide a simple, flexible tool to optimize the clock rise/fall
time for specific applications. Benefits from the programmable
drive strength feature are:
• Improves system radiated electromagnetic interference
(EMI) by slowing down the clock rise/fall time
• Improves the downstream clock receiver’s (RX) jitter by de-
creasing (speeding up) the clock rise/fall time.
• Ability to drive large capacitive loads while maintaining full
swing with sharp edge rates.
For more detailed information about rise/fall time control and
drive strength selection, see the SiTime Application Notes
section: http://www.sitime.com/support/application-notes.
EMI Reduction by Slowing Rise/Fall Time
Figure 16 shows the harmonic power reduction as the rise/fall
times are increased (slowed down). The rise/fall times are
expressed as a ratio of the clock period. For the ratio of 0.05,
the signal is very close to a square wave. For the ratio of 0.45,
the rise/fall times are very close to near-triangular waveform.
These results, for example, show that the 11th clock harmonic
can be reduced by 35 dB if the rise/fall edge is increased from
5% of the period to 45% of the period.
Figure 16. Harmonic EMI reduction as a Function of
Slower Rise/Fall Time
Jitter Reduction with Faster Rise/Fall Time
Power supply noise can be a source of jitter for the
downstream chipset. One way to reduce this jitter is to speed
up the rise/fall time of the input clock. Some chipsets may also
require faster rise/fall time in order to reduce their sensitivity to
this type of jitter. Refer to the Rise/Fall Time Tables (Table 7 to
Table 11) to determine the proper drive strength.
High Output Load Capability
The rise/fall time of the input clock varies as a function of the
actual capacitive load the clock drives. At any given drive
strength, the rise/fall time becomes slower as the output load
increases. As an example, for a 3.3V SiT2018 device with
default drive strength setting, the typical rise/fall time is 1ns for
15 pF output load. The typical rise/fall time slows down to
2.6 ns when the output load increases to 45 pF. One can
choose to speed up the rise/fall time to 1.83 ns by then
increasing the drive strength setting on the SiT2018.
The SiT2018 can support up to 60 pF in maximum capacitive
loads with drive strength settings. Refer to the Rise/Tall Time
Tables (Table 7 to 11) to determine the proper drive strength
for the desired combination of output load vs. rise/fall time
SiT2018 Drive Strength Selection
Tables 7 through 11 define the rise/fall time for a given capac-
itive load and supply voltage.
1. Select the table that matches the SiT2018 nominal supply
voltage (1.8V, 2.5V, 2.8V, 3.0V, 3.3V).
2. Select the capacitive load column that matches the appli-
cation requirement (5 pF to 60 pF)
3. Under the capacitive load column, select the desired
rise/fall times.
4. The left-most column represents the part number code for
the corresponding drive strength.
5. Add the drive strength code to the part number for ordering
purposes.
Calculating Maximum Frequency
Based on the rise and fall time data given in Tables 7 through
11, the maximum frequency the oscillator can operate with
guaranteed full swing of the output voltage over temperature
can be calculated as the following:
where Trf_20/80 is the typical value for 20%-80% rise/fall
time.
Example 1
Calculate fMAX for the following condition:
• Vdd = 1.8V (Table 7)
• Capacitive Load: 30 pF
• Desired Tr/f time = 3 ns (rise/fall time part number code = E)
Part number for the above example:
SiT2018BIES2-18E-66.666660
Drive strength code is inserted here. Default setting is “-”
 
1
3579
11
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Harm onic number
trise=0.05
trise=0.1
trise=0.15
trise=0.2
trise=0.25
trise=0.3
trise=0.35
trise=0.4
trise=0.45
=
1
5 x T rf_ 2 0 /8 0
M a x F re que ncy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com