Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2011A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2011A
Description  24V, 150mA, Low Quiescent Current Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2011A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2011A Datasheet HTML 1Page - Monolithic Power Systems MP2011A Datasheet HTML 2Page - Monolithic Power Systems MP2011A Datasheet HTML 3Page - Monolithic Power Systems MP2011A Datasheet HTML 4Page - Monolithic Power Systems MP2011A Datasheet HTML 5Page - Monolithic Power Systems MP2011A Datasheet HTML 6Page - Monolithic Power Systems MP2011A Datasheet HTML 7Page - Monolithic Power Systems MP2011A Datasheet HTML 8Page - Monolithic Power Systems MP2011A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP2011A - 24V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2011A Rev. 1.0
www.MonolithicPower.com
5
2/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VEN=VIN, COUT=1µF, TJ= -40°C to +125°C, Typical value is tested at TJ= 25°C. The limit
over temperature is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
MP2011AGG-33, VFB=1.3V,
VIN=6V, OUT floating.
0.88
1.3
1.72
uA
FB Pin Input Current
IFB
MP2011AGG, VFB=1.3V,
VIN=6V, OUT floating.
-50
0
50
nA
Line Regulation
(6)
VIN=2.5V to 24V, IOUT=1mA,
OUT=FB
0.01
0.05
%/V
MP2011AGG, IOUT=100uA
to 150mA,VIN=3V to 6V
0.005
0.012
%/mA
Load Regulation
(7)
MP2011AGG-33,
IOUT=100uA to 150mA,
VIN=4.3V to 6V
0.005
0.020
%/mA
100Hz, CIN=100pF,
COUT=4.7μF,IOUT=10mA,
VIN=6V, VOUT=5V
58
dB
1kHz, CIN=100pF,
COUT=4.7μF, IOUT=10mA,
VIN=6V, VOUT=5V
41
dB
Output Voltage PSRR
(8)
100kHz, CIN=100pF,
COUT=4.7μF, IOUT=10mA,
VIN=6V, VOUT=5V
55
dB
MP2011AGG, IOUT=100mA,
COUT=6.8uF, VOUT=5V
3
ms
Startup Response Time
MP2011AGG-33,
IOUT=10mA, COUT=6.8uF,
VOUT=3.3V
1.8
ms
EN Rising Threshold
ENTH_R
VIN=2.5V to 24V
1.32
1.48
1.64
V
EN Falling Threshold
ENTH_F
VIN=2.5V to 24V
1.1
1.26
1.42
V
EN Pin Input Current
IEN
VEN=0 or 15V, VIN=2.5V to
24V
0.1
uA
Thermal Shutdown
(8)
TSD
150
165
C
Thermal Shutdown
Hysteresis
TSD
20
C
Notes:
6) Line Regulation=
IN(MAX )
IN(MIN )
OUT[ V
]
OUT[ V
]
IN(MAX)
IN(MIN)
OUT(NOM)
|V
V
|
(% / V)
(V
V
) V

7) Load Regulation=
OUT(MAX )
OUT (MIN)
OUT[I
]
OUT[I
]
OUT(MAX)
OUT(MIN)
OUT(NOM)
|V
V
|
(% / mA)
(I
I
) V

8) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com