Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2011A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2011A
Description  24V, 150mA, Low Quiescent Current Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2011A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2011A Datasheet HTML 1Page - Monolithic Power Systems MP2011A Datasheet HTML 2Page - Monolithic Power Systems MP2011A Datasheet HTML 3Page - Monolithic Power Systems MP2011A Datasheet HTML 4Page - Monolithic Power Systems MP2011A Datasheet HTML 5Page - Monolithic Power Systems MP2011A Datasheet HTML 6Page - Monolithic Power Systems MP2011A Datasheet HTML 7Page - Monolithic Power Systems MP2011A Datasheet HTML 8Page - Monolithic Power Systems MP2011A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2011A
24V, 150mA, Low Quiescent Current
Linear Regulator
MP2011A Rev. 1.0
www.MonolithicPower.com
1
2/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2011A is a low power linear regulator
that supplies power to systems with high
voltage batteries. It includes a wide 2.5V to 24V
input range, low dropout voltage and low
quiescent supply current. The low quiescent
current
and
low
dropout
voltage
allow
operations at extremely low power levels.
Therefore, the MP2011A is an ideal for the low
power microcontrollers and the battery-powered
equipments.
The MP2011A provides wide variety of fixed
output voltage options (if request): 1.8V, 1.9V,
2.3V, 2.5V, 3.0V, 3.3V, 3.45V, 5.0V; and also
provides the output adjustable option (from
1.215V to 15V).
The regulator output current is internally limited
and the device is protected against over-load
and over-temperature conditions.
The MP2011A also includes thermal shutdown
and current limiting fault protection, and is
available in QFN-6 (2mmx2mm) packages.
FEATURES
 2.5V to 24V Input Range
 3.3µA Quiescent Supply Current
 Stable With low-value output ceramic
capacitor (> 0.47μF)
 150mA load current
 700mV Dropout at 150mA Load
 Available in Fixed 3.3V Output and
Adjustable Output (1.215V to 15V) versions
 Output ±1.5% Accuracy
 Specified current limit
 Thermal
Shutdown
and
Short-Circuit
Protection
 Available in QFN-6 (2mmx2mm) Packages
APPLICATIONS
 Portable/Battery-Powered Equipment
 Ultra low power Microcontrollers
 Cellular Handsets
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Output Adjustable Version (QFN)
Output Fixed Version (QFN)


Similar Part No. - MP2011A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP201 MPS-MP201 Datasheet
326Kb / 12P
Dying Gasp Storage and Release Control IC
logo
Multicomp Pro
MP2010-CL1-48 MULTICOMP-MP2010-CL1-48 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
MP2012DQ MPS-MP2012DQ Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
More results

Similar Description - MP2011A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
24V, 150mA, Low Quiescent Current Linear Regulator
MPQ2013BGQ-33 MPS-MPQ2013BGQ-33 Datasheet
462Kb / 8P
40V, 150mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
ISL80410 RENESAS-ISL80410 Datasheet
783Kb / 12P
40V, Low Quiescent Current, High Accuracy, 150mA Linear Regulator
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com