Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2012DQ Datasheet (PDF) - Monolithic Power Systems

MP2012DQ Datasheet PDF - Monolithic Power Systems
Part # MP2012DQ
Download  MP2012DQ Download
File Size   328.78 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter

MP2012DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2012DQ Datasheet PDF - Monolithic Power Systems

Part # MP2012DQ
Download  MP2012DQ Click to download

File Size   328.78 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter

MP2012DQ Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - MP2012DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP201 MPS-MP201 Datasheet
326Kb / 12P
Dying Gasp Storage and Release Control IC
logo
Multicomp Pro
MP2010-CL1-48 MULTICOMP-MP2010-CL1-48 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG MPS-MP2011AGG Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG-33 MPS-MP2011AGG-33 Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
More results


Similar Description - MP2012DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Richtek Technology Corp...
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com