Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2012DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2012DQ
Description  Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2012DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2012DQ Datasheet HTML 1Page - Monolithic Power Systems MP2012DQ Datasheet HTML 2Page - Monolithic Power Systems MP2012DQ Datasheet HTML 3Page - Monolithic Power Systems MP2012DQ Datasheet HTML 4Page - Monolithic Power Systems MP2012DQ Datasheet HTML 5Page - Monolithic Power Systems MP2012DQ Datasheet HTML 6Page - Monolithic Power Systems MP2012DQ Datasheet HTML 7Page - Monolithic Power Systems MP2012DQ Datasheet HTML 8Page - Monolithic Power Systems MP2012DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2012
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz
Synchronous Step-Down Converter
MP2012 Rev. 1.01
www.MonolithicPower.com
1
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2012 is a fully integrated, internally
compensated 1.2MHz fixed frequency PWM
step-down converter. It is ideal for powering
portable equipment that runs from a single cell
Lithium-Ion (Li+) Battery, with an input range
from 2.7V to 6V. The MP2012 can provide up to
1.5A of load current with output voltage as low
as 0.8V. It can also operate at 100% duty cycle
for low dropout applications. With peak current
mode control and internal compensation, the
MP2012 is stable with ceramic capacitors and
small inductors. Fault condition protection
includes cycle-by-cycle current limiting and
thermal shutdown.
MP2012 is available in a small QFN6 (3x3mm)
package.
FEATURES
• 2.7-6V Input Operation Range
• Output Adjustable from 0.8V to VIN
• 1μA Max Shutdown Current.
• Up to 95% Efficiency
• 100% Duty Cycle for Low Dropout
Applications
• 1.2MHz Fixed Switching Frequency
• Stable with Low ESR Output Ceramic
Capacitors
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection
• Available in QFN6 (3x3mm)
APPLICATIONS
• DVD+/-RW Drives
• Smart Phones
• PDAs
• Digital Cameras
• Portable Instruments
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2012
PVIN
VIN
GND
EN
SW
FB 1
2
3
6
4
5
C1
VIN
2.7V to 6V
EN
L1
R1
R2
Rt
C2
VOUT
1.8V/1.5A
Efficiency vs.
Load Current
LOAD CURRENT(A)
0
10
20
30
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
Vin=5V
Vin=3V


Similar Part No. - MP2012DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP201 MPS-MP201 Datasheet
326Kb / 12P
Dying Gasp Storage and Release Control IC
logo
Multicomp Pro
MP2010-CL1-48 MULTICOMP-MP2010-CL1-48 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG MPS-MP2011AGG Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG-33 MPS-MP2011AGG-33 Datasheet
523Kb / 14P
24V, 150mA, Low Quiescent Current Linear Regulator
More results

Similar Description - MP2012DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Richtek Technology Corp...
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com