Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2013A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2013A
Description  40V, 150mA, Low-Quiescent Current Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2013A Datasheet HTML 8Page - Monolithic Power Systems MP2013A Datasheet HTML 9Page - Monolithic Power Systems MP2013A Datasheet HTML 10Page - Monolithic Power Systems MP2013A Datasheet HTML 11Page - Monolithic Power Systems MP2013A Datasheet HTML 12Page - Monolithic Power Systems MP2013A Datasheet HTML 13Page - Monolithic Power Systems MP2013A Datasheet HTML 14Page - Monolithic Power Systems MP2013A Datasheet HTML 15Page - Monolithic Power Systems MP2013A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP2013A - 40V, 150mA, LOW-QUIESCENT CURRENT LINEAR REGULATOR
MP2013A Rev. 1.03
www.MonolithicPower.com
12
10/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
QFN6
(2mmx2mm)
Pin #
QFN8
(3mmx3mm)
Name Description
1
1
IN
Input Voltage. Connect IN to a 2.5V to 40V supply.
2
2
EN
Enable. A logic low on EN shuts down the IC; logic high starts it up.
Connect EN to IN for automatic startup.
3, exposed
pad
4, exposed
pad
GND
Ground. The exposed pad and GND must be connected to the same
ground plane.
4
5
FB
Feedback Input. FB is regulated to 1.215V nominally. Connect to an
external resistive divider between OUT and GND to set output voltage.
For a fixed-output version, FB can float.
6
8
OUT
Regulated Output Voltage. Only a low-
value ceramic capacitor (≥ 0.47μF)
on output is required for stability.
5
3, 6, 7
NC
No Connection. May be left open or tied to ground for improved thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com