Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2013A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2013A
Description  40V, 150mA, Low-Quiescent Current Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2013A Datasheet HTML 9Page - Monolithic Power Systems MP2013A Datasheet HTML 10Page - Monolithic Power Systems MP2013A Datasheet HTML 11Page - Monolithic Power Systems MP2013A Datasheet HTML 12Page - Monolithic Power Systems MP2013A Datasheet HTML 13Page - Monolithic Power Systems MP2013A Datasheet HTML 14Page - Monolithic Power Systems MP2013A Datasheet HTML 15Page - Monolithic Power Systems MP2013A Datasheet HTML 16Page - Monolithic Power Systems MP2013A Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP2013A - 40V, 150mA, LOW-QUIESCENT CURRENT LINEAR REGULATOR
MP2013A Rev. 1.03
www.MonolithicPower.com
13
10/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP2013A is a linear regulator that supplies
power to systems with high-voltage batteries. It
includes a wide 2.5V to 40V input range, low-
dropout
voltage
and
low-quiescent-supply
current.
The MP2013A provides a wide variety of fixed,
output-voltage options: 1.8V, 1.9V, 2.3V, 2.5V,
3.0V, 3.3V, 3.45V, and 5.0V; and it provides an
adjustable output option (from 1.215V to 15V).
The adjustable output option delivers an output
that is adjustable from 1.215V to 15V with a
simple
resistor
divider.
It
uses
external
feedback, allowing the user to set the output
voltage with an external resistor divider. The
typical FB voltage is 1.215V.
The IC enters shutdown mode when EN is low.
In shutdown mode, the pass transistor, control
circuitry, reference, and all biases turn off,
reducing the supply current to <3µA. Connect
EN to IN for automatic startup.
The regulator output current is internally limited.
The device is protected against over-load and
over-temperature conditions.
The peak-output current is limited to around
270mA,
which
exceeds
the
150mA
recommended continuous-output current.
When the junction temperature is too high, the
thermal sensor sends a signal to the control
logic that shuts down the IC. The IC restarts
when the temperature has cooled sufficiently.
The
maximum
power-output
current
is
a
function of the package’s maximum power
dissipation for a given temperature.
The maximum power dissipation is dependent
on the thermal resistance of the case and the
circuit
board,
the
temperature
difference
between the die junction and the ambient air,
and the rate of air flow. The GND and exposed
pad must be connected to the ground plane for
proper dissipation.
UVLO
Vreference
EA
VIN
EN
VOUT
FB
GND
For fixed output
version only
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com