Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM6004-SC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CMM6004-SC
Description  0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM6004-SC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CMM6004-SC Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 5Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 6Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM6004-SC
Advanced Product Information - April 2003
(3 of 7)
Application Circuit – 900 MHz
(CMM60004-SC-00A0)
Typical Performance (50 Ohm System)
Frequency
900 MHz
Gain
16.5 dB
Input Return Loss
-18.0 dB
Output Return Loss
-14.0 dB
OIP3
41.0 dBm
Noise Figure
1.8 dB
Bias
Vds = 5V, Id = 173 mA
P1dB
23.8 dBm
L1
12 nH
RF
IN
CMM6004-SC
SOT-89
T = 80 mil
INPUT MATCHING
NETWORK
RF
OUT
C2
56 pF
L2
47 nH
Vcc
5V
C1
56 pF
T = 70 mil
T = 500 mil
Ref Designator
Value
Description
Size
C1, C2
56 pF
MCH185A560JK
0603
L1
12 nH
TOKO LL1608-F12NK
0603
L2
47 nH
TOKO LL1608-F47NK
0603
S-Parameters vs Frequency
20
10
0
-10
-20
-30
0.1
1.1
2.1
3.0
Frequency, GHz
S21
S11
S22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com