Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM6004-SC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CMM6004-SC
Description  0.25 TO 3.0 GHZ HIGH DYNAMIC RANGE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM6004-SC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CMM6004-SC Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 5Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 6Page - List of Unclassifed Manufacturers CMM6004-SC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Application Circuit – 1900 MHz
(CMM60004-SC-00B0)
Typical Performance (50 Ohm System)
Frequency
1900 MHz
Gain
14.5 dB
Input Return Loss
-15 dB
Output Return Loss
-10 dB
OIP3
41.0 dBm
Noise Figure
2.2 dB
Bias
Vds = 5V, Id = 174 mA
P1dB
23.5 dBm
RF
OUT
C3
56 pF
L3
47 nH
Vcc
5V
C2
56 pF
L2
6.8 nH
RF
IN
CMM6004-SC
SOT-89
T = 70 mil
INPUT MATCHING
NETWORK
C1
2.2 pF
T = 70 mil
L1
2.7 nH
CMM6004-SC
Advanced Product Information - April 2003
(4 of 7)
Ref Designator
Value
Description
Size
C1
2.2 pF
KOA 2.2pF 50V CER
0603
CAP 0603 NPO ±.25pF
C2, C3
56 pF
MCH185A560JK
0603
L1
2.7 nH
TOKO LL1608-F2N7S
0603
L2
6.8 nH
TOKO LL1608-F6N8K
0603
L3
47 nH
TOKO LL1608-F47NK
0603
20
10
0
-10
-20
-30
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency, GHz
S-Parameters vs Frequency
S21
S11
S22
T = 80 mil
T = 80 mil
T = 500 mil



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com