Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2019 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2019
Description  40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2019 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2019 Datasheet HTML 8Page - Monolithic Power Systems MP2019 Datasheet HTML 9Page - Monolithic Power Systems MP2019 Datasheet HTML 10Page - Monolithic Power Systems MP2019 Datasheet HTML 11Page - Monolithic Power Systems MP2019 Datasheet HTML 12Page - Monolithic Power Systems MP2019 Datasheet HTML 13Page - Monolithic Power Systems MP2019 Datasheet HTML 14Page - Monolithic Power Systems MP2019 Datasheet HTML 15Page - Monolithic Power Systems MP2019 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2019 Rev. 1.01
www.MonolithicPower.com
12
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
VIN
1uF
RPG
MP2019GN
GND
PG
OUT
IN
PGDL
4
7
3
6
1
Vo
VPG
COUT
CIN
CPGDL
IIN
IOUT
IPG
IPGDL
VPGDL
IGND
22uF
100K
47nF
Power-On
Reset
Thermal
Shutdown
Voltage Dip
at Input
Undervoltage
Secondary
Spike
Overload at
Output
VIN
VOUT
VPGDL
VPG
tPGD
tPGR
< tPGR
t
t
t
t
VPG-High
VPGDL-Low
VPGDL-High
d∆V/d∆t
=IPGDL/CPGDL
EN
FB 8
5
R1
R2
F
igure 2. Power Good Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com