Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2019 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2019
Description  40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2019 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2019 Datasheet HTML 8Page - Monolithic Power Systems MP2019 Datasheet HTML 9Page - Monolithic Power Systems MP2019 Datasheet HTML 10Page - Monolithic Power Systems MP2019 Datasheet HTML 11Page - Monolithic Power Systems MP2019 Datasheet HTML 12Page - Monolithic Power Systems MP2019 Datasheet HTML 13Page - Monolithic Power Systems MP2019 Datasheet HTML 14Page - Monolithic Power Systems MP2019 Datasheet HTML 15Page - Monolithic Power Systems MP2019 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
MP2019 Rev. 1.01
www.MonolithicPower.com
13
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
Set the output voltage of the MP2019 by using a
resistor divider (see Fig. 3).
MP2019
OUT
FB
R1
R2
VOUT
GND
Figure 3. FB Resistor Divider to Set VOUT
Choose
R2=1M
Ω to maintain a 1.215µA
minimum load. Calculate the value for R1 using
the following equation:



OUT
V
R1 R2
1
1.25V
For
a fixed-output
version,
VOUT
can
be
adjusted by adding an external resistor divider
(see Fig. 4). When choosing an external divider,
take
the
internal
FB
resistor
divider
into
consideration.
MP2019
OUT
FB
R1
R2
VOUT
GND
R1_IN
R2_IN
Figure 4. FB Divider for Fixed-Output Version
When R2 is selected, R1 can be calculated with
the equation below:
OUT
R1_ IN
R1
1.25 R1_ IN
R2 R2 _ IN
1
V
1.25
R2 R2 _ IN
Table 1 below shows the internal FB resistor
dividers for different fixed-output versions.
Table 1. Internal FB Resistor Divider
Fixed-Output Voltage
R1_IN
R2_IN
3.3V
1.64M
Ω
1M
Ω
5V
3M
Ω
1M
Ω
Table 2 below shows various output voltages for
a fixed-output version with an external FB divider..
Table 2. 3.3V Fixed-Output Version with External
FB Divider
VOUT(V)
R1 (k
)
R2 (k
)
11
80.6
10
8.5
59
10
8
54.9
10
6.5
43
10
5
30.1
10
Enable Control (EA)
EN is a digital control pin that turns the regulator
on and off. When EN is pulled below 0.3V, the
chip shuts down. When EN is pulled above 1.8V,
the chip starts up. If this function is not used, EN
can be connected to VIN directly.
Input Capacitor
For efficient operation, place a ceramic capacitor,
(C1) between 1µF and 10µF of dielectric type
(X5R or X7R) between the input pin and ground.
Larger values in this range improve line transient
response.
Output Capacitor
For stable operation, use a ceramic capacitor (C2)
of type X5R or X7R between 1µF and 22µF.
Larger values in this range improve load transient
response and reduce noise. Output capacitors of
other dielectric types may be used, but they are
not recommended as their capacitance can
deviate greatly from their rated value over
temperature.
To improve load transient response, add a small
ceramic (X5R, X7R, or Y5V dielectric) 2.2nF
feed-forward capacitor in parallel with R1. The
feed-forward capacitor is not required for stable
operation.
Output Noise
The MP2019 exhibits noise on the output during
normal operation. This noise is negligible for
most applications. However, in applications that
include analog-to-digital converters (ADCs) of
more than 12 bits, c
onsider the ADC’s power
supply rejection specifications. The feed-forward
capacitor C2 across R1 reduces significantly the
output noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com