Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2420 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2420 Datasheet HTML 8Page - Monolithic Power Systems MP2420 Datasheet HTML 9Page - Monolithic Power Systems MP2420 Datasheet HTML 10Page - Monolithic Power Systems MP2420 Datasheet HTML 11Page - Monolithic Power Systems MP2420 Datasheet HTML 12Page - Monolithic Power Systems MP2420 Datasheet HTML 13Page - Monolithic Power Systems MP2420 Datasheet HTML 14Page - Monolithic Power Systems MP2420 Datasheet HTML 15Page - Monolithic Power Systems MP2420 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP2420―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MP2420 Rev. 1.0
www.MonolithicPower.com
12
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
DC/DC SECTION:
The MP2420 is a 75V, 0.3A, synchronous step-
down, switching regulator with integrated high-
side and low-side, high-voltage power MOSFETs
(HS-FET and LS-FET, respectively). It provides a
highly efficient 0.3A output and features a wide
input voltage range, external soft-start control,
and precision current limit. It has a very low
operational quiescent current, making it suitable
for battery-powered applications.
Control Scheme
The ILIM comparator, FB comparator, and zero
current detector (ZCD) block control the PWM
(see Figure 2). If VFB is below the 1V reference
and the inductor current drops to zero, the HS-
FET turns on, and the ILIM comparator begins
sensing the HS-FET current. When the HS-FET
current reaches its limit, the HS-FET turns off,
and the LS-FET and ZCD block turn on. The ILIM
comparator turns off to reduce the quiescent
current. The LS-FET and ZCD block turn off after
the inductor current drops to zero. If VFB is below
the 1V reference at this time, the HS-FET turns
on and begins another cycle. If VFB is still higher
than the 1V reference, the HS-FET remains off
until VFB drops below 1V.
VSW
VFB
IL
Ipeak
Io
VREF
Io increase
Figure 2: Control Scheme
Internal Regulator and BIAS
The 2.6V internal regulator powers most of the
internal circuitry. This regulator takes VIN and
operates in the full VIN range. When VIN is greater
than 3.0V, the output of the regulator is in full
regulation. Lower values of VIN result in lower
output voltages. When VBIAS > 2.9V, the BIAS
supply overrides the input voltage and supplies
power to the internal regulator. When VBIAS >
4.5V, BIAS powers the LS-FET driver.
Using BIAS to power the internal regulator
improves efficiency. It is recommended to
connect BIAS to the regulated output voltage
when it is in the 2.9V to 5.5V range. When the
output voltage is out of this range, an external
supply of >2.9V to >4.5V can be used to power
BIAS.
Enable (EN) Control
The MP2420 has a dedicated enable control
(EN). When VIN goes high, EN enables and
disables the chip (high logic). Its falling threshold
is a consistent 1.2V, and the rising threshold is
about 350mV higher. When floating, EN is pulled
down internally to GND to disable the chip.
When EN = 0V, the chip enters the lowest
shutdown current mode. When EN is higher than
zero but lower than its rising threshold, the chip
remains in shutdown mode with a slightly larger
shutdown current.
A Zener diode is connected internally from EN to
GND. The typical clamping voltage of the Zener
diode is 6.5V. VIN can be connected to EN
through a high ohm (Ω) resistor if the system
does not have another logic input acting as the
EN signal. The resistor must be designed to limit
the EN sink current to less than 150μA. Note that
there is an internal 3MΩ resistor from EN to GND,
so the external pull up resistor should be smaller
than
1.55V
3M
1.55V]
-
[V
(MIN)
IN
×
to ensure that EN can
turn on at the lowest operation (VIN).
Under-Voltage Lockout (UVLO)
VIN under-voltage lockout (UVLO) protects the
chip from operating below its operational supply
voltage range. The UVLO rising threshold is
about 4.2V while its trailing threshold is about
3.75V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com