Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2420 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2420 Datasheet HTML 9Page - Monolithic Power Systems MP2420 Datasheet HTML 10Page - Monolithic Power Systems MP2420 Datasheet HTML 11Page - Monolithic Power Systems MP2420 Datasheet HTML 12Page - Monolithic Power Systems MP2420 Datasheet HTML 13Page - Monolithic Power Systems MP2420 Datasheet HTML 14Page - Monolithic Power Systems MP2420 Datasheet HTML 15Page - Monolithic Power Systems MP2420 Datasheet HTML 16Page - Monolithic Power Systems MP2420 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP2420―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MP2420 Rev. 1.0
www.MonolithicPower.com
13
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Soft Start (SS)
The reference-type soft start prevents the
converter output voltage from overshooting
during start-up. When the chip starts, the internal
circuitry generates a constant current to charge
the external soft-start capacitor. The SS voltage
ramps up slowly from 0V at a pace set by the SS
time. When VSS is less than VREF, VSS overrides
VREF, and the FB comparator uses VSS as the
reference instead of VREF. When VSS is higher
than VREF, VREF resumes control.
VSS can be much smaller than VFB, but it can only
barely exceed VFB. If VFB drops, VSS tracks VFB.
This
function
prevents
an
output
voltage
overshoot during short-circuit recovery. When the
short circuit is removed, a new SS process
ramps up.
Thermal Shutdown
Thermal shutdown prevents a thermal runaway
on the chip. When the silicon die reaches
temperatures exceeding its upper threshold, the
entire chip shuts down. When the temperature
falls below its lower threshold, the chip is enabled
again.
Floating Driver and Bootstrap Charging
The external bootstrap capacitor powers the
floating HS-FET driver. This floating driver has
its own UVLO protection. This UVLO’s rising
threshold is about 2.4V with a hysteresis of about
300mV. During the UVLO, the SS voltage resets
to zero. When the UVLO is disabled, the
regulator follows the soft-start process.
The
dedicated
internal
bootstrap
regulator
charges and regulates the bootstrap capacitor to
about 5V. When the voltage difference between
BST and SW falls below its working parameters,
a PMOS pass transistor connected from VIN to
BST turns on to charge the bootstrap capacitor.
The current path runs from VIN to BST to SW.
The external circuit must have sufficient voltage
headroom to accommodate charging.
As long as VIN is sufficiently higher than SW, the
bootstrap capacitor can charge. When the HS-
FET is on, VIN is about equal to SW, and the
bootstrap capacitor cannot charge. The optimal
charging period occurs when the LS-FET is on,
and VIN - VSW is at its largest. VSW is equal to VOUT
when there is no current in the inductor. The
difference between VIN and VOUT charges the
bootstrap capacitor.
If the internal circuit does not have sufficient
voltage and time to charge the bootstrap
capacitor, extra external circuitry can be used to
ensure that the bootstrap voltage operates in its
normal region.
Start-Up and Shutdown
If both VIN and VEN are higher than their
appropriate thresholds, the chip starts up. The
reference block starts first, generating stable
reference voltages and currents, and then it
enables the internal regulator. The regulator
provides a stable supply for the rest of the device.
If the internal supply rail is high, an internal timer
holds the power MOSFET off for about 50µs to
clear up any start-up glitches. When the soft-start
block is enabled, the SS output voltage is first
held low and then slowly ramps up.
Three events can shut down the chip: VEN low,
VIN low, and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. The
internal supply rails are then pulled down. The
floating driver is not subject to this shutdown
command, but its charging path is disabled.
Power OK (POK)
POK is an open-drain power good output. A high
output indicates that VOUT is higher than 90% of
its nominal value. POK is pulled down in
shutdown mode.
Reference Voltage Output (VREF)
VREF has an output reference voltage of 1V. It has
up to 500µA of source current capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com