Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT331 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BT331
Description  700-2700 MHz 1.5~2.0W Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT331 Datasheet(HTML) 1 Page - BeRex Corporation

  BT331 Datasheet HTML 1Page - BeRex Corporation BT331 Datasheet HTML 2Page - BeRex Corporation BT331 Datasheet HTML 3Page - BeRex Corporation BT331 Datasheet HTML 4Page - BeRex Corporation BT331 Datasheet HTML 5Page - BeRex Corporation BT331 Datasheet HTML 6Page - BeRex Corporation BT331 Datasheet HTML 7Page - BeRex Corporation BT331 Datasheet HTML 8Page - BeRex Corporation BT331 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
700-2700 MHz 1.5~2.0W Power Amplifier
BT331
1
Rev. G
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
• OIP3 = 51.0 dBm @ 1900 MHz
• Gain = 19.5 dB @ 900 MHz
• Output P1 dB = 33.3 dBm @ 1900 MHz
• 50 Ω Cascadable
• Highly Reliable InGaP/GaAs HBT Technology
• Lead-free/RoHS-compliant SOIC-8 SMT package
BeRex’s BT331 is a high power and a high
dynamic range amplifier in a low cost sur-
face mount package(SOIC-8) with a RoHS-
compliant, that incorporates reliable hetero-
junction-bipolar-transistor (HBT) devices
fabricated with InGaP GaAs technology.
This device is designed for use where high
linearity is required and features high OIP3
and Power with low consumption current
(400mA) and requires a few external match-
ing components such as a DC blocking ca-
pacitors on the In/Output pin, a bypass ca-
pacitor and a RF choke for the out port.
All devices are 100% RF/DC tested.
Product Description
Device Features
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 20 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Min.
Typical
Max.
Unit
Bandwidth
700
2700
MHz
IC @ (Vc = 5V)
360
415
455
mA
VC
5.0
V
RTH
10.0
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +85
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+220
Operating Voltage
V
+5.5
Supply Current
mA
900
Input RF Power
dBm
28
*Operation of this device above any of these parameters may result in permanent damage.
Application Circuits
*external matching circuit: refer to the page 4 to 16.
*ACPR CH Power is measured at 55dBc, ACLR CH Power _ measured at 50dBc.
*ACPR Test set-up: IS-95 CDMA, 9Ch. FWD, +885KHz offset, PAR 9.7dB at 0.01% Prob.
*ACLR Test set-up: 3GPP WCDMA, TM1+64DPCH, +5MHz offset, PAR 10.34 at 0.01% Prob.
RF Choke
RF In
RF Out
Vcc
BT331
DC
Block
Bypass
DC
Block
YY = Year, WW = Work week,
XX = Wafer Number
• Base station Infrastructure/RFID
• Commercial/Industrial/Military wireless system
Applications
Frequency
Unit
900
1900
2140
2450
2600
3500
MHz
Gain
19.5
14
13
12
12.1
10.7
dB
S11
-16
-14
-15
-20
-19
-20.4
dB
S22
-11
-11
-12
-10
-12.7
-13.0
dB
OIP32
50
51
51
50
47
45.8
dBm
P1dB
31.5
33.3
32.3
31
31.2
29.5
dBm
IS-95C ACPR
23.3
-
-
-
-
-
dBm
WCDMA ACLR
-
23.3
23.4
21.5
21.5
20.1
dBm
Noise Figure
4.8
5
5
5.3
5.4
6.2
dB


Similar Part No. - BT331

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT331 BEREX-BT331 Datasheet
3Mb / 20P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331 Datasheet
3Mb / 20P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331_1 Datasheet
3Mb / 20P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331_16 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
More results

Similar Description - BT331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
BeRex Corporation
BT331 BEREX-BT331 Datasheet
3Mb / 20P
700-2700 MHz 1.5~2.0W Power Amplifier
BT331 BEREX-BT331_1 Datasheet
3Mb / 20P
700-2700 MHz 1.5~2.0W Power Amplifier
logo
Analog Devices
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
700 MHz to 2700 MHz Operating Frequency
logo
Analog Devices
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
logo
BeRex Corporation
BT331 BEREX-BT331_16 Datasheet
3Mb / 22P
700-2700 MHz 1.5~2.0W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com