Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM7556 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM7556
Description  TRI-STATE Programmable Binary Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM7556 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM7556 Datasheet HTML 1Page - National Semiconductor (TI) DM7556 Datasheet HTML 2Page - National Semiconductor (TI) DM7556 Datasheet HTML 3Page - National Semiconductor (TI) DM7556 Datasheet HTML 4Page - National Semiconductor (TI) DM7556 Datasheet HTML 5Page - National Semiconductor (TI) DM7556 Datasheet HTML 6Page - National Semiconductor (TI) DM7556 Datasheet HTML 7Page - National Semiconductor (TI) DM7556 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM75
b
55 Cto a125 C
DM85
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM7556
DM8556
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
2
b
52
mA
IOL
Low Level Output Current
16
16
mA
fCLK
Clock Frequency (Note 1)
0
25
0
25
MHz
tW
Pulse Width
Clock
25
25
(Note 1)
Clear
20
20
ns
Load
30
30
tCE
Count Enable
Setup
30
30
ns
Time (Note 1)
Hold
b
10
b
10
tSETUP(1)
Setup Time High
Data
25
25
ns
Logic Level (Note 1)
Load
30
30
tHOLD(1)
Hold Time High
Data
5
5
ns
Logic Level (Note 1)
Load
b
10
b
10
tSETUP(0)
Setup Time Low
Data
30
30
ns
Logic Level (Note 1)
Load
25
25
tHOLD(0)
Hold Time Low
Data
5
5
ns
Logic Level (Note 1)
Load
b
10
b
10
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
TA e 25 C and VCC e 5V
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com