Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM7556 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM7556
Description  TRI-STATE Programmable Binary Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM7556 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM7556 Datasheet HTML 1Page - National Semiconductor (TI) DM7556 Datasheet HTML 2Page - National Semiconductor (TI) DM7556 Datasheet HTML 3Page - National Semiconductor (TI) DM7556 Datasheet HTML 4Page - National Semiconductor (TI) DM7556 Datasheet HTML 5Page - National Semiconductor (TI) DM7556 Datasheet HTML 6Page - National Semiconductor (TI) DM7556 Datasheet HTML 7Page - National Semiconductor (TI) DM7556 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6588
August 1989
DM7556DM8556 TRI-STATE
Programmable
Binary Counters
General Description
These circuits are synchronous edge-sensitive fully-pro-
grammable 4-bit counters The counters feature both con-
ventional totem-pole and TRI-STATE outputs such that
when the outputs are in the high impedance mode they can
be used to enter data from the bus lines In addition the
clear input operates completely independent of all other in-
puts During the programming operation data is loaded into
the flip-flops on the positive-going edge of the clock pulse
To facilitate cascading of these counters the MAX COUNT
output can be tied directly into the count enable input of the
next counter
Features
Y
Typical clock frequency 35 MHz
Y
TRI-STATE outputs
Y
Fully independent clear
Y
Synchronous loading
Y
Cascading circuitry provided internally
Connection Diagram
Dual-In-Line Package
TLF6588 – 1
Order Number DM7556J or DM8556N
See NS Package Number J16A or N16A
Function Table
Control Inputs
IO Ports
Active Outputs
LOAD
CE
CLK
OD
Reset
IOA
IOB
IOC
IOD
QA
QB
QC
QD
HX
X
L
H
L
L
L
L
L
L
L
L
HX
X
H
H
Z
Z
Z
ZL
L
L
L
HX
L
L
L
QA0
QB0
QC0
QD0
QA0
QB0
QC0 QD0
HX
L
H
L
Z
Z
Z
Z
QA0
QB0
QC0 QD0
LH
u
LL
a
b
c
d
A
B
C
D
HL
u
L
L
COUNT
COUNT
HL
u
H
L
Z
Z
Z
Z
COUNT
The IO pins are used as inputs when they are TRI-STATED and the LOAD input is Low They are outputs and active
when LOAD input is High and OD is Low
H e High Level (Steady State)
L e Low Level (Steady State)
X e Don’t Care including transitions
a b c d e The level of the steady state input at inputs A B C D respectively
QA0 QB0 QC0 QD0 e The level of QA QB QC QD respectively before the indicated steady state input conditions
were established
TRI-STATE
is a registered trademark of the National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM7556

ManufacturerPart #DatasheetDescription
logo
Vaisala
DM70 VAISALA-DM70 Datasheet
660Kb / 3P
DM70 Handheld Dew Point Meter For spot-checking applications
logo
List of Unclassifed Man...
DM7093 ETC1-DM7093 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
DM7094 ETC1-DM7094 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
logo
National Semiconductor ...
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
Quad 2-Input DATA SELECTORS / MULTIPLEXERS
DM7130 NSC-DM7130 Datasheet
57Kb / 2P
MAGNITUDE COMPARATORS
More results

Similar Description - DM7556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
logo
Hitachi Semiconductor
HD74LS93 HITACHI-HD74LS93 Datasheet
84Kb / 7P
4-bit Binary Counters
logo
UMC Corporation
UM3758 UMC-UM3758 Datasheet
651Kb / 18P
TRi-STATE ProgrammaBle Encoder/Decoder
logo
National Semiconductor ...
DM8898 NSC-DM8898 Datasheet
124Kb / 8P
TRI-STATE BCD to Binary/Binary to BCD Converters
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
Presettable Binary Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
logo
ON Semiconductor
SN74LS160A ONSEMI-SN74LS160A Datasheet
175Kb / 7P
4-BIT BINARY COUNTERS
June, 2006 ??Rev. 7
logo
Texas Instruments
CY54FCT163T TI1-CY54FCT163T_08 Datasheet
329Kb / 12P
4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com