Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8756GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8756GD
Description  26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8756GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8756GD Datasheet HTML 1Page - Monolithic Power Systems MP8756GD Datasheet HTML 2Page - Monolithic Power Systems MP8756GD Datasheet HTML 3Page - Monolithic Power Systems MP8756GD Datasheet HTML 4Page - Monolithic Power Systems MP8756GD Datasheet HTML 5Page - Monolithic Power Systems MP8756GD Datasheet HTML 6Page - Monolithic Power Systems MP8756GD Datasheet HTML 7Page - Monolithic Power Systems MP8756GD Datasheet HTML 8Page - Monolithic Power Systems MP8756GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP8756 – 26V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8756 Rev. 1.1
www.MonolithicPower.com
5
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Enable and UVLO
Enable rising threshold
VEN H
1.15
1.25
1.35
V
Enable hysteresis
VEN-HYS
100
mV
Enable input current
IEN
VEN = 2V
5
μA
VEN = 0V
0
VIN under-voltage lockout
threshold rising
VINVTH
4
4.25
4.5
V
VIN under-voltage lockout
threshold hysteresis
VINHYS
250
mV
VCC Regulator
VCC regulator
VCC
3.5
3.6
3.7
V
VCC load regulation
ICC = 5mA
5
%
Power Good (PG)
PG when FB rising (good)
PGRising(Good) VFB rising, percentage of VFB
95
%
PG when FB falling (fault)
PGFalling(Fault) VFB falling, percentage of VFB
85
PG when FB rising (fault)
PGRising(Fault) VFB rising, percentage of VFB
115
PG when FB falling (good)
PGFalling(Good) VFB falling, percentage of VFB
105
Power good low-to-high delay
PGTd
500
μs
EN low to power good low delay
PGTd EN low
1
μs
Power good sink-current
capability
VPG
Sink 4mA
0.4
V
Power good leakage current
IPG LEAK
VPG = 3.3V
5
μA
Thermal Protection
Thermal shutdown
(5)
TSD
150
°C
Thermal shutdown hysteresis
(5)
TSD-HYS
25
°C
NOTE:
5) Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com