Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8756GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8756GD
Description  26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8756GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8756GD Datasheet HTML 10Page - Monolithic Power Systems MP8756GD Datasheet HTML 11Page - Monolithic Power Systems MP8756GD Datasheet HTML 12Page - Monolithic Power Systems MP8756GD Datasheet HTML 13Page - Monolithic Power Systems MP8756GD Datasheet HTML 14Page - Monolithic Power Systems MP8756GD Datasheet HTML 15Page - Monolithic Power Systems MP8756GD Datasheet HTML 16Page - Monolithic Power Systems MP8756GD Datasheet HTML 17Page - Monolithic Power Systems MP8756GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP8756 – 26V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8756 Rev. 1.1
www.MonolithicPower.com
14
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Over-Current Protection (OCP)
The MP8756 has a cycle-by-cycle over-current
limiting control. The current-limit circuit employs a
valley current-sensing algorithm. The part uses
the RDS(ON) of the LS-FET as a current-sensing
element. If the magnitude of the current-sense
signal is above the current-limit threshold, PWM
is not allowed to initiate a new cycle.
The trip level is fixed internally. The inductor
current is monitored by the voltage between GND
and SW. GND is used as the positive current
sensing node so that GND should be connected
to the source terminal of the bottom MOSFET.
Since the comparison is done during the HS-FET
off and LS-FET on states, the OC trip level sets
the valley level of the inductor current. Thus, the
load current at the over-current threshold (IOC)
can be calculated with Equation (2):
 inductor
OC
I
I
I _ limit
2
(2)
In an over-current condition, the current to the
load exceeds the current to the output capacitor,
and the output voltage can fall off. As a result,
the
device
encounters
the
under-voltage
protection threshold and hiccup.
Over-/Under-Voltage Protection (OVP/UVP)
The MP8756 monitors the output voltage to
detect over-voltage and under-voltage. Once the
feedback voltage rises higher than 122% of the
feedback voltage, the OVP comparator output
goes high and the circuit turns off the HS-FET
driver. The LS-FET driver turns on, acting as a
current source. The output is then discharged to
remain within the normal range. The MP8756
exits this regulation period when the feedback
voltage falls below 117% of the reference voltage.
When the feedback voltage falls below 75% of
VREF but is higher than 50%, the UVP-1
comparator output goes high, and the part
attempts to restart with hiccup mode periodically
for about 50µs if the feedback voltage remains in
this range.
When the feedback voltage falls below 50% of
VREF, the UVP-2 comparator output goes high
and the part enters hiccup mode directly after the
comparator and logic delay.
Under-Voltage Lockout (UVLO) Protection
The MP8756 can start up only when VIN is
higher than the under-voltage lockout (UVLO)
rising threshold voltage. The MP8756 shuts down
when VIN is lower than its falling threshold. The
UVLO protection is non-latch off.
If an application requires a higher UVLO, use EN
to adjust the input voltage UVLO by adding two
external resistors (see Figure 5).
It is recommended to use the resistor divider to
set the EN voltage above the EN rising threshold
and below the 4.5V absolute maximum rating.
The rising threshold should be set to provide
enough hysteresis to allow for any input supply
variations.
To avoid an excessive sink current on EN, keep
the EN resistor (RUP) in the range of 1MΩ - 2MΩ.
A typical pull-up resistor is 1.5MΩ. The RDOWN
value can then be determined by RUP and a
600kΩ internal pull-down resistor.
Figure 5: Adjustable UVLO
Connecting EN directly to a voltage source
without a pull-up resistor requires limiting the
amplitude of the voltage source. The EN voltage
must not exceed the 4.5V absolute maximum
rating to avoid damaging the IC.
Thermal Shutdown
The MP8756 employs thermal shutdown. The
junction temperature of the IC is monitored
internally. If the junction temperature exceeds the
threshold value (typically 140°C), the converter
shuts off. This is a non-latch protection. There is
a hysteresis of about 25°C. Once the junction
temperature drops to about 125°C, a soft start is
initiated.
Output Discharge
When EN is low, the MP8756 discharges the
output using an internal 6Ω MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com