Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9801 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9801 Datasheet HTML 1Page - National Semiconductor (TI) LM9801 Datasheet HTML 2Page - National Semiconductor (TI) LM9801 Datasheet HTML 3Page - National Semiconductor (TI) LM9801 Datasheet HTML 4Page - National Semiconductor (TI) LM9801 Datasheet HTML 5Page - National Semiconductor (TI) LM9801 Datasheet HTML 6Page - National Semiconductor (TI) LM9801 Datasheet HTML 7Page - National Semiconductor (TI) LM9801 Datasheet HTML 8Page - National Semiconductor (TI) LM9801 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
Positive Supply Voltage (Va e VA e VD e VD(IO))
with Respect to GND e AGND e DGND e
DGND(IO)
65V
Voltage on any Input or Output Pin
03V to Va a03V
Input Current at any Pin (Note 3)
g
25 mA
Package Input Current (Note 3)
g
50 mA
Package Dissipation at TA e 25 C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2000V
Soldering Information
Infrared 10 seconds (Note 6)
300 C
Storage Temperature
b
65 Cto a150 C
Operating Ratings (Notes 1 and 2)
Operating Temperature Range
TMIN s TA s TMAX
LM9801CCV LM9801CCVF
0 C s TA s a70 C
VA Supply Voltage
a
475V to a525V
VD Supply Voltage
a
475V to a525V
VD(IO) Supply Voltage
a
27V to a525V
lVA–VDl
s
100 mV
VA–VD(IO)
t b
100 mV
OS REF IN Voltage Range
b
005V to VA a 005V
CD0 – CD7 MCLK SYNC SDI SCLK
CS RD Voltage Range
b
005V to VD(IO) a 005V
Electrical Characteristics
The following specifications apply for AGND e DGND e DGND(IO) e 0V VA e VD ea50VDC VD(IO) ea50 or
a
30VDC REF IN ea1225VDC fMCLK e 20 MHz RS e 25X All LSB units are ADC LSBs unless otherwise specified
Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 7 8 and 11)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
CCD SOURCE REQUIREMENTS FOR FULL SPECIFIED ACCURACY AND DYNAMIC RANGE (Note 11)
VWHITE
Maximum Peak CCD Differential
VGA Gain e 0dB
11
V (min)
Signal Range
VGA Gain e 9dB
04
V (min)
VRFT
Maximum CCD Reset FeedThrough Amplitude
2
V (min)
ADC CHARACTERISTICS
Resolution with No Missing Codes
8
Bits (min)
ILE
Integral Linearity Error (Note 12)
g
15
LSB (max)
DNL
Differential Non-Linearity
g
10
LSB (max)
PGA CHARACTERISTICS
Monotonicity
8
Bits (min)
PGA Adjustment Range
GainPGA e 255
GainPGA e 0
295
28
VV (min)
Gain Error at any Gain (Note 14)
14
% (max)
VGA CHARACTERISTICS
Monotonicity
4
Bits (min)
VGA Adjustment Range
20log
GainVGAe15
GainVGA e 0
J
895
85
dB (min)
Gain Error at any Gain (Note 15)
g
015
dB (max)
OFFSET TRIM CHARACTERISTICS
Offset DAC LSB Size
In Units of ADC LSBs
042
LSB
Offset DAC DNL
In Units of Offset DAC LSBs
g
025
g
09
LSB (max)
Offset Add Magnitude
In Units of ADC LSBs
20
16
LSB (min)
25
LSB (max)
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com