Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9801 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9801
Description  Greyscale/24-Bit Color Linear CCD Sensor Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9801 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9801 Datasheet HTML 2Page - National Semiconductor (TI) LM9801 Datasheet HTML 3Page - National Semiconductor (TI) LM9801 Datasheet HTML 4Page - National Semiconductor (TI) LM9801 Datasheet HTML 5Page - National Semiconductor (TI) LM9801 Datasheet HTML 6Page - National Semiconductor (TI) LM9801 Datasheet HTML 7Page - National Semiconductor (TI) LM9801 Datasheet HTML 8Page - National Semiconductor (TI) LM9801 Datasheet HTML 9Page - National Semiconductor (TI) LM9801 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
AC Electrical Characteristics MCLK Independent (Continued)
The following specifications apply for AGND e DGND e DGND(IO) e 0V VA e VD e VD(IO) ea50VDC REF IN e
a
1225VDC fMCLK e 20 MHz tMCLK e 1fMCLK tr e tf e 5 ns Rs e 25X CL (databus loading) e 50 pFpin Boldface
limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 7 and 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
tS1H tS0H
Delay from CS Rising Edge to SDO
RL e 3k CL e 50 pF
25
50
ns (max)
TRI-STATE
tRDO
SDO Rise Time TRI-STATE to High
RL e 3k CL e 50 pF
20
ns
SDO Rise Time Low to High
20
ns
tFDO
SDO Fall Time TRI-STATE to Low
RL e 3k CL e 50 pF
20
ns
SDO Fall Time High to Low
20
ns
AC Electrical Characteristics MCLK Dependent
The following specifications apply for AGND e DGND e DGND(IO) e 0V VA e VD e VD(IO) ea50VDC REF IN e
a
1225VDC fMCLK e 20 MHz tMCLK e 1fMCLK tr e tf e 5 ns Rs e 25X CL (databus loading) e 50 pFpin Refer to Table
2 Configuration Register Parameters for limits labelled CR Boldface limits apply for TA e TJ e TMIN to
TMAX all other limits TA e TJ e 25 C (Notes 7 and 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 9)
(Note 10)
(Limits)
tSTART
MCLK to first w1 High
50 ns
1
tMCLK
tw
w
1 w2 Clock Period
Standard CCD Mode
400 ns
8
tMCLK
EvenOdd CCD Mode
800 ns
16
tMCLK
tTRWIDTH
Transfer Pulse (TR) Width
CR
m
s
tGUARD
w
1 to TR TR to w1 Guardband
CR
ns
tRSWIDTH
Reset Pulse (RS) Width
CR
ns
tRS
Falling Edge of w1 to RS
Standard CCD Mode
CR
ns
Either Edge of w1 to RS
EvenOdd CCD Mode
tSHREF
Falling Edge of w1 to Ref Sample
Standard CCD Mode
CR
ns
Either Edge of w1 to Ref Sample
EvenOdd CCD Mode
tSHSIG
Falling Edge of w1 to Sig Sample
Standard CCD Mode
CR
ns
Either Edge of w1 to Sig Sample
EvenOdd CCD Mode
tSHWIDTH
Sample Pulse Width
50 ns
1
tMCLK
(Acquisition Time)
tSYNCLOW
SYNC Low Between Lines
100 ns
2
tMCLK (min)
tB
SYNC Setup of w1 to End Line
2
tMCLK (max)
tCCLKWIDTH
CCLK Pulse Width
250 ns
5
tMCLK
tDATAVALID
Data Valid Time from EOC Low
300
ns (min)
tEOCWIDTH
EOC Pulse Width
250 ns
5
tMCLK
w
1 and w2 Frequency
Standard CCD Mode
25 MHz
fMCLK 8
Hz
EvenOdd CCD Mode
125 MHz
fMCLK 16
Hz
w
1 and w2 Duty Cycle
50
%
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com