Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2185 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2185
Description  Low Voltage Synchronous Boost PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2185 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2185 Datasheet HTML 7Page - Micrel Semiconductor MIC2185 Datasheet HTML 8Page - Micrel Semiconductor MIC2185 Datasheet HTML 9Page - Micrel Semiconductor MIC2185 Datasheet HTML 10Page - Micrel Semiconductor MIC2185 Datasheet HTML 11Page - Micrel Semiconductor MIC2185 Datasheet HTML 12Page - Micrel Semiconductor MIC2185 Datasheet HTML 13Page - Micrel Semiconductor MIC2185 Datasheet HTML 14Page - Micrel Semiconductor MIC2185 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
May 2002
13
MIC2185
MIC2185
Micrel
Soft Start
Soft Start reduces the power supply input surge current at
start up by limiting the output voltage rise time. Input surge
current occurs when the boost converter charges up the
output capacitance. Slowing the output rise time lowers the
input surge current. Soft Start may also be used for power
supply sequencing. The soft start cannot control the initial
surge of current in a boost converter when V
IN is applied. This
surge current is caused by the output capacitance charging
up to the input voltage. The current flows from the input
through the inductor and output diode to the output capaci-
tors.
The soft start voltage is applied directly to the PWM compara-
tor. A 5
µA internal current source is used to charge up the soft
start capacitor. Either of 2 UVLO conditions will pull the soft
start capacitor low.
• When the V
DD voltage drops below its UVLO
threshold
• When the Enable pin drops below the UVLO
threshold
The part switches at a low duty cycle when the soft start pin
voltage zero. As the soft start voltage rises from 0V to 0.7V,
the duty cycle increases from the minimum duty cycle to the
operating duty cycle. The oscillator runs at the foldback
frequency until the feedback voltage rises above 0.3V. In a
boost converter the output voltage is equal to the input
voltage before the MIC2185 starts switching. If the ratio of
Vout/Vin is low, the voltage on the feedback pin will already
be greater than 0.3V and the converter begin switching at the
selected operating frequency.
The risetime of the output is dependent on the soft start
capacitor, output capacitance, input and output voltage and
load current. The scope photo in Figure10 shows the output
voltage and the soft start pin voltage at startup. The output
voltage is initially at the input voltage less a diode drop. After
the converter is enabled the output slowly rises due to the
minimum duty cycle of the controller. As the soft start voltage
increases, the output voltage rises in a controlled fashion until
the output voltage reaches the regulated value.
Soft Start Waveform
TIME (2ms/div)
VSS
1V/div
VOUT
2V/div
0V
Figure 10 Soft Start
Voltage Setting Components
The MIC2185 requires two resistors to set the output voltage
as shown in Figure 11
Pin
6
Voltage
Amplifier
VREF
1.245V
MIC2185
R1
R2
Figure 11
The output voltage is determined by the equation below.
VV
1
R1
R2
O
REF
=× +


where:
V
REF for the MIC2185 is nominally 1.245V.
Lower values of resistance are preferred to prevent noise
from apprearing on the V
FB pin. A typically recommended
value for R1 is 10k
Ω.
Decoupling Capacitor Selection
A 1
µF decoupling capacitor is used to stabilize the internal
regulator and minimize noise on the VDD pin. Placement of
this capacitor is critical to the proper operation of the MIC2185.
It must be next to the VDD and signal ground pins. The
capacitor should be a good quality ceramic. Incorrect place-
ment of the VDD decoupling capacitor will cause jitter and/or
oscillations in the switching waveform as well as variations in
the overcurrent limit.
A minimum 0.1
µF ceramic capacitor is required to decouple
the V
IN pin. The capacitor should be placed near the IC and
connected directly between pin 10 (VDD) and pin 5 (SGND).
A 0.1
µF capacitor is required to decouple VREF. It should be
located near the VREF pin.
Efficiency calculation and considerations
Efficiency is the ratio of output power to input power. The
difference is dissipated as heat in the boost converter. The
significant contributors at light output loads are:
• The V
INA pin supply current.
• The V
INP pin supply current which includes the
current required to switch the external
MOSFETs
• Core losses in the inductor
To maximize efficiency at light loads:
• Use a low gate charge MOSFET or use the
smallest MOSFET, which is still adequate for the
maximum output current.
• Allow the MIC2185 to run in skip mode at lower
currents. If running in PWM mode, set the
frequency to 200kHz.
• Use a ferrite material for the inductor core, which
has less core loss than an MPP or iron power
core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com