Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2185 Datasheet (PDF) - Micrel Semiconductor

MIC2185 Datasheet PDF - Micrel Semiconductor
Part # MIC2185
Download  MIC2185 Download
File Size   141.74 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage Synchronous Boost PWM Control IC

MIC2185 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2185 Datasheet PDF - Micrel Semiconductor

Part # MIC2185
Download  MIC2185 Click to download

File Size   141.74 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage Synchronous Boost PWM Control IC

MIC2185 Datasheet (HTML) - Micrel Semiconductor


MIC2185 Product details

General Description
Micrel’s MIC2185 is a high efficiency synchronous boost PWM control IC. With its wide input voltage range of 2.9V to 14V, the MIC2185 can be used to efficiently boost voltages in 1- or 2-cell Li Ion battery powered applications, as well as fixed 3.3V and 5V systems. Its powerful 5Ω output drivers allow the MIC2185 to supply large output currents with the selection of the proper external MOSFETs.
With it’s fixed frequency PWM architecture, and easily synchronized drive, the MIC2185 is ideal for noise-sensitive telecommunications applications. The nominal 400kHz operating frequency of the MIC2185 can be divided by two, allowing the device to be externally synchronized to frequencies below 400kHz.
The MIC2185 also features a low current shutdown mode and a programmable undervoltage lockout. A skipped pulse mode of operation can be manually set to achieve higher efficiencies at light load conditions.
The MIC2185 is available in a 16 pin SOIC package and 16 pin QSOP package with an ambient temperature operating range from –40°C to 85°C.

Features
• Input voltage range: 2.9V to 14V
• 95% efficiency
• Oscillator frequency of 200kHz/400kHz
• Frequency sync to 600kHz
• 0.5µA shutdown current
• Two 5Ω output drivers
• Front edge blanking
• PWM current mode control
• Cycle-by-cycle current limiting
• Frequency foldback protection
• Adjustable under-voltage lockout
• Precision 1.245V reference output
• 16 pin SOIC narrow body package

Applications
• 3.3V to 5V conversion in telecom systems
• Satellite phones
• Cable modems
• 1-and 2-cell Li Ion battery operated equipment




Similar Part No. - MIC2185

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2185 MICREL-MIC2185 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185BM MICREL-MIC2185BM Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185BQS MICREL-MIC2185BQS Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
More results


Similar Description - MIC2185

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com