Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2183 Datasheet (PDF) - Micrel Semiconductor

MIC2183 Datasheet PDF - Micrel Semiconductor
Part # MIC2183
Download  MIC2183 Download
File Size   98.22 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage Synchronous Buck PWM Control IC Final Information

MIC2183 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2183 Datasheet PDF - Micrel Semiconductor

Part # MIC2183
Download  MIC2183 Click to download

File Size   98.22 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage Synchronous Buck PWM Control IC Final Information

MIC2183 Datasheet (HTML) - Micrel Semiconductor


MIC2183 Product details

General Description
Micrel’s MIC2183 is a high efficiency PWM synchronous buck control IC. With its wide input voltage range of 2.9V to 14V, the MIC2183 can be used to efficiently step voltages down in 1- or 2-cell Li Ion battery powered applications, as well as in fixed 3.3V, 5V, or 12V systems.

Features
• Input voltage range: 2.9V to 14V
• >90% efficiency
• Oscillator frequency of 400kHz
• Frequency divide-by-two pin
• Frequency sync to 600kHz
• FreqOut oscillator output allows simple charge pump implementation in low voltage systems
• Front edge blanking
• 5Ω output drivers (typical)
• Soft start
• PWM current mode control
• 1µA shutdown current
• Cycle-by-cycle current limiting
• Frequency foldback short circuit protection
• Adjustable under-voltage lockout
• 16-pin narrow-body SOP and QSOP package options

Applications
• 3.3V to 2.5V/1.8V/1.5V conversion
• DC power distribution systems
• Wireless modems
• ADSL line cards
• 1-and 2-cell Li Ion battery operated equipment
• Satellite Phones




Similar Part No. - MIC2183

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183BM MICREL-MIC2183BM Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183BQS MICREL-MIC2183BQS Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183YM MICREL-MIC2183YM Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183YQS MICREL-MIC2183YQS Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
More results


Similar Description - MIC2183

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2184 MICREL-MIC2184 Datasheet
75Kb / 12P
Low Voltage Buck PWM Control IC Final Information
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com