Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2184 Datasheet (PDF) - Micrel Semiconductor

MIC2184 Datasheet PDF - Micrel Semiconductor
Part # MIC2184
Download  MIC2184 Download
File Size   75.86 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage Buck PWM Control IC Final Information

MIC2184 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2184 Datasheet PDF - Micrel Semiconductor

Part # MIC2184
Download  MIC2184 Click to download

File Size   75.86 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low Voltage Buck PWM Control IC Final Information

MIC2184 Datasheet (HTML) - Micrel Semiconductor


MIC2184 Product details

General Description

Micrel’s MIC2184 is a high efficiency PWM buck control IC. With its wide input voltage range of 2.9V to 14V, the MIC2184 can be used to efficiently step voltages down in 1- or 2-cell LiIon battery powered applications, as well as in fixed 3.3V, 5V, or 12V systems.

Efficiencies over 90% are achievable over a wide range of load conditions with the MIC2184’s PWM control scheme. The operating frequency can be divided by two by raising the FREQ/2 pin to VDD. This allows the user to optimize efficiency versus board space. It also allows the MIC2184 to be externally synchronized to frequencies below its nominal 400KHz.



Features

• Input voltage range: 2.9V to 14V

• >90% efficiency

• Oscillator frequency of 400kHz

• Frequency divide-by-two pin

• Frequency sync to 600kHz

• FrequOut oscillator output allows simple charge pump implementation in low voltage systems

• 1.245V reference output

• Front edge blanking

• 5Ω output driver

• Soft start

• PWM current mode control

• 1µA shutdown current

• Cycle-by-cycle current limiting

• Frequency foldback short circuit protection

• Adjustable under-voltage lockout

• 16 pin narrow-body SOIC and QSOP package options



Applications

• 3.3V to 2.5V/1.8V/1.5V conversion

• DC power distribution systems

• Wireless Modems

• ADSL line cards

• 1-and 2-cell Li Ion battery operated equipment

• Satellite Phones



 




Similar Part No. - MIC2184

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2184BM MICREL-MIC2184BM Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2184BQS MICREL-MIC2184BQS Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2184YM MICREL-MIC2184YM Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2184YQS MICREL-MIC2184YQS Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
More results


Similar Description - MIC2184

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
Low Voltage PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com