Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAC24E-120P-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAC24E-120P-R
Description  24W Wall Plug Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC24E-120P-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAC24E-120P-R Datasheet HTML 1Page - Phihong USA Inc. PSAC24E-120P-R Datasheet HTML 2Page - Phihong USA Inc. PSAC24E-120P-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 1/3/2018
WWW.PHIHONG.COM
24W Wall Plug Adapter
Features
• Class B EMI
• Class II Double Insulated
• No Load Power Consumption <0.3W
• CEC Compliant
• Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b Compliant
• Short-Circuit Protection
Applications
• Portable Equipment
• Access Devices
• Peripherals
Safety Approvals
• CE
• TUV
Mechanical Characteristics
• Length: 83.5mm (3.29in)
• Height: 53.5mm (2.11in)
• Width: 35mm (1.38in)
Output Specifications
Notes(1): Minimum order quantity of 3500 pieces required when ordering.
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at www.phihong.com for
the most up-to-date specifications and contact information.
Model (1)
DC Output
Voltage
Load
Ripple
Efficiency
Min.
Max.
P-P (max.)
Level
PSAC24E-120P-R
12V
0A
2A
120mV


Similar Part No. - PSAC24E-120P-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC24E PHIHONG-PSAC24E Datasheet
102Kb / 2P
24W ??Wall Plug Adapter
More results

Similar Description - PSAC24E-120P-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA24E PHIHONG-PSA24E Datasheet
107Kb / 2P
24W ??Wall Plug Adapter
PSAC24E PHIHONG-PSAC24E Datasheet
102Kb / 2P
24W ??Wall Plug Adapter
PDA024A-700S-R PHIHONG-PDA024A-700S-R Datasheet
177Kb / 2P
24W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
PSA12X-120 PHIHONG-PSA12X-120 Datasheet
130Kb / 3P
12W Wall Plug Adapter
logo
MORNSUN Science& Techno...
MY02405DA MORNSUN-MY02405DA Datasheet
320Kb / 4P
24W AC/DC Adapter
MG02405HA MORNSUN-MG02405HA Datasheet
436Kb / 4P
24W AC/DC Adapter
MI02405HA MORNSUN-MI02405HA Datasheet
432Kb / 4P
24W AC/DC Adapter
MA02405HA MORNSUN-MA02405HA Datasheet
420Kb / 4P
24W AC/DC Adapter
MC02405HA MORNSUN-MC02405HA Datasheet
432Kb / 4P
24W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
24W AC/DC Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com