Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAC24E-120P-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSAC24E-120P-R
Description  24W Wall Plug Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAC24E-120P-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSAC24E-120P-R Datasheet HTML 1Page - Phihong USA Inc. PSAC24E-120P-R Datasheet HTML 2Page - Phihong USA Inc. PSAC24E-120P-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Type text]
PSAC24E Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Rating
100-240V AC
AC Input Voltage Range
90-264V AC
AC Input Frequency
50-60Hz
Input Current
0.6A (RMS) max at 100V AC
Leakage Current
0.25mA maximum
Inrush Current
85A maximum at 230V AC
(Cold Start and ambient 25°C)
Input Power Saving
<0.3W at 115V AC and 230V AC, 0A
OUPUT:
Efficiency
Meets Level V Efficiency Requirements
82% Minimum efficiency
ENVIRONMENTAL:
Temperature
Operation
0 to 40°C
Non-operation
-40 to 85°C
Humidity
90%
Over-Voltage Protection
Voltage should not exceed 24V
Over-Current Protection
5A maximum at 230V AC
EMI
FCC Class B
EN55022 Class B
Immunity
ESD: EN61000-4-2
Level 4
Surge: EN61000-4-5
Level 2
EFT:
EN61000-4-4
Level 2
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000V AC for 1
minute, 10mA
Insulation Resistance
Primary to Secondary: 7M ohm 500V DC
MTBF
50K Hours min(MIL-HDBK-217F) at max
load and 25°C
DC Output Connector
2.5mm x 5.5mm x 9.5mm
DC Cord
1.5 meters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com