Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS41N15DPbF Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IRFS41N15DPbF
Description  High frequency DC-DC converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFS41N15DPbF Datasheet(HTML) 3 Page - Infineon Technologies AG

  IRFS41N15DPbF Datasheet HTML 1Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 2Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 3Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 4Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 5Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 6Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 7Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 8Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
IRFB/IB/S/SL41N15DPbF
3
2017-04-27
Fig. 2 Typical Output Characteristics
Fig. 3 Typical Transfer Characteristics
Fig. 4 Normalized On-Resistance
vs. Temperature
Fig. 1 Typical Output Characteristics
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
9.0V
8.0V
7.5V
7.0V
6.5V
6.0V
V
, Drain-to-Source Voltage (V)
DS
6.0V
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
15V
10V
9.0V
8.0V
7.5V
7.0V
6.5V
6.0V
V
, Drain-to-Source Voltage (V)
DS
6.0V
1
10
100
1000
6
7
8
9
10
11
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
41A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com