Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS41N15DPbF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRFS41N15DPbF
Description  High frequency DC-DC converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFS41N15DPbF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRFS41N15DPbF Datasheet HTML 1Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 2Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 3Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 4Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 5Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 6Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 7Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 8Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
 
IRFB/IB/S/SL41N15DPbF
4
2017-04-27
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
 
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = C gs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
20
40
60
80
100
120
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
25A
V
= 30V
DS
V
= 75V
DS
V
= 120V
DS
0.1
1
10
100
1000
0.2
0.6
1.0
1.4
1.8
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
Fig. 7 Typical Source-to-Drain Diode
Forward Voltage
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com