Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC6-OPM Datasheet(PDF) 1 Page - Lightel Technologies INC.

Part # VC6-OPM
Description  Powered by ViewConn batteries or AC adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

VC6-OPM Datasheet(HTML) 1 Page - Lightel Technologies INC.

  VC6-OPM Datasheet HTML 1Page - Lightel Technologies INC. VC6-OPM Datasheet HTML 2Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VC6-OPM or VC6-OPM-H
Power Meters
VC6-OPM or VC6-OPM-H
Power Meters
Add Power to your ViewConn®
O v e r v i e w
T h e VC 6 - O P M o r VC 6 -
O P M - H p o w e r m et e r s
m a ke s V i e w C o n n a t r u e
i n t e g rat e d t h re e - i n -
o n e d e v i c e . U s e r s c a n
i n s p e c t , c l e a n , a n d t e s t
w i t h o n e f i e l d - re a d y
h a n d - h e l d u n i t .
P o w e re d b y V i e w C o n n ’ s
b at t e r i e s , i t ’ s e a s y t o
c h a n g e f ro m co n n e c t o r
i n s p e c t i o n t o p o w e r
m e a s u re m e n t at t h e f l i p
o f a s w i t c h . V i e w C o n n ’ s
l a rg e 3 . 5 ” d i s p l ay m a ke s
v i e w i n g a n d re a d i n g
s i m p l e i n a ny l i g h t
co n d i t i o n . B ot h p o w e r
m et e r s a re a b l e t o s t o re
9 9 9 p o w e r re a d i n g s a n d
l at e r d o w n l o a d t h e m t o
a P C v i a U S B 2 . 0 .
2 2 1 0 L i n d A v e S W , S u i t e 100
R e n t o n , W A 9 8 0 5 7 U S A
( 4 2 5 ) 2 7 7 - 8 0 0 0 p h .
( 4 2 5 ) 2 7 7 - 5 2 8 0 F a x
w w w . l i g h t e l t e c h . c o m
Dynamic Range -60
~+10dBm or -40~+25dBm
Resolution 0.01dB
Wavelengths 850, 1300, 1310, 1490, 1550, 1625
Store data and download later by USB
View readings on large ViewConn display screen
Powered by ViewConn batteries or AC adapter


Similar Part No. - VC6-OPM

ManufacturerPart #DatasheetDescription
logo
Les Wallen Manufacturin...
VC6.8S WALLENANTENNAE-VC6.8S Datasheet
295Kb / 3P
Wallen Voltage Convertors
21/08/03
logo
New Jersey Semi-Conduct...
VC60 NJSEMI-VC60 Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
Tallysman Wireless Inc.
VC6050 TALLYSMAN-VC6050 Datasheet
431Kb / 4P
VC6050 High Precision Full GNSS Spectrum Choke Ring Antenna
logo
New Jersey Semi-Conduct...
VC60X NJSEMI-VC60X Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
France Joint
VC60X72X6 FRANCEJOINT-VC60X72X6 Datasheet
389Kb / 6P
STANDARD SHAFT SEALS
More results

Similar Description - VC6-OPM

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AD2026 INTRONICS-AD2026 Datasheet
430Kb / 2P
Low Cost 3 Digit AC Line or Logic Powered DPM
logo
List of Unclassifed Man...
4DLCD-FT843 ETC2-4DLCD-FT843 Datasheet
616Kb / 10P
Powered by the FTDI FT800 Video Engine
logo
Analog Devices
AD2009 AD-AD2009_15 Datasheet
1Mb / 4P
DIGIT AC LICE POWERED DPM
logo
Silicon Laboratories
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
Powered from USB port or external
logo
LinkCom Manufacturing C...
DAL003N000NNN0-00G LINKCOM-DAL003N000NNN0-00G Datasheet
189Kb / 3P
Digital scene switch Powered by DALI BUS
logo
Maxim Integrated Produc...
MAX4948EVKIT MAXIM-MAX4948EVKIT Datasheet
171Kb / 10P
Powered by Host Interface
Rev 0; 10/07
MAX17710GB20EVKIT MAXIM-MAX17710GB20EVKIT Datasheet
1Mb / 8P
Self-Powered by On-Board Solar Cells
Rev 0; 3/12
MAX44006EVSYS MAXIM-MAX44006EVSYS Datasheet
1Mb / 25P
Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
logo
EnOcean GmbH.
ECT310 ENOCEAN-ECT310 Datasheet
234Kb / 2P
EnOcean powered by Thermal Energy
March 2012
logo
Advantech Co., Ltd.
EI-A110 ADVANTECH-EI-A110 Datasheet
963Kb / 2P
Edge Intelligence System Powered By WISE-DeviceOn
16-Dec-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com