Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC6-OPM Datasheet(PDF) 2 Page - Lightel Technologies INC.

Part # VC6-OPM
Description  Powered by ViewConn batteries or AC adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

VC6-OPM Datasheet(HTML) 2 Page - Lightel Technologies INC.

  VC6-OPM Datasheet HTML 1Page - Lightel Technologies INC. VC6-OPM Datasheet HTML 2Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All rights reserved. 2008
www.lighteltech.com
2210 Lind Ave. SW, Suite 100
Renton, WA 98057 USA
(425) 277- 8000 ph
(425) 277- 5280 fax
VC6-OPM or VC6-OPM-H Power Meters
2 2 1 0 L i n d A v e S W , S u i t e 1 0 0
R e n t o n , W A 9 8 0 5 7 U S A
( 4 2 5 ) 2 7 7 - 8 0 0 0 p h .
( 4 2 5 ) 2 7 7 - 5 2 8 0 F a x
w w w . l i g h t e l t e c h . c o m
VC6-OPM-H
VC6-OPM
Or for higher
power applications
Optical
Model
VC6-OPM
VC6-OPM-H
Dynamic Range
-60 ~ + 10
-45 ~ + 26
dBm
Wavelengths
850, 1300, 1310, 1490, 1550, 1625
nm
Uncertainty
±5
%
Resolution
0.01
dB
Connector Type
FC/SC/ST/LC/E2K or Universal type
Features
Tone Detection
270, 1k 2k
HZ
Display Type
mW/dBm/dB(REF)
Data Storage
999
items
Data Interface
USB2.0
Software Support
Included
Mechanical & Environmental
Dimensions
125 x 37 x 30
mm
Operating Temp.
-10 ~ + 50
oC
Storage Temp.
-20 ~ + 70
oC
Humidity (non condensing)
0 ~ 95
%
Weight
100
g
The VC6-OPM and VC6-OPM-H can only be used together with ViewConn® or ViewConn® Plus.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com