Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7730PbF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFS7730PbF
Description  Brushed motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7730PbF Datasheet(HTML) 5 Page - International Rectifier

  IRFS7730PbF Datasheet HTML 1Page - International Rectifier IRFS7730PbF Datasheet HTML 2Page - International Rectifier IRFS7730PbF Datasheet HTML 3Page - International Rectifier IRFS7730PbF Datasheet HTML 4Page - International Rectifier IRFS7730PbF Datasheet HTML 5Page - International Rectifier IRFS7730PbF Datasheet HTML 6Page - International Rectifier IRFS7730PbF Datasheet HTML 7Page - International Rectifier IRFS7730PbF Datasheet HTML 8Page - International Rectifier IRFS7730PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
IRFB/S/SL7730PbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014
0.1
1
10
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION
IN THIS
AREA
LIMITED BY
RDS(on)
100µsec
DC
Limited by
package
Fig 10. Maximum Safe Operating Area
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
75
80
85
90
95
Id = 1.0mA
Fig 11. Drain-to-Source Breakdown Voltage
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
2.0
2.2
2.4
2.6
2.8
3.0
Vgs = 5.5V
Vgs = 6.0V
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V
Fig 13. Typical On-Resistance vs. Drain Current
Fig 9. Typical Source-Drain Diode Forward Voltage
0.2
0.6
1.0
1.4
1.8
2.2
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
-10
0
10
20
30
40
50
60
70
80
VDS, Drain-to-Source Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Fig 12. Typical Coss Stored Energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com