Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7730PbF Datasheet(PDF) 12 Page - International Rectifier

Part # IRFS7730PbF
Description  Brushed motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7730PbF Datasheet(HTML) 12 Page - International Rectifier

Back Button IRFS7730PbF Datasheet HTML 4Page - International Rectifier IRFS7730PbF Datasheet HTML 5Page - International Rectifier IRFS7730PbF Datasheet HTML 6Page - International Rectifier IRFS7730PbF Datasheet HTML 7Page - International Rectifier IRFS7730PbF Datasheet HTML 8Page - International Rectifier IRFS7730PbF Datasheet HTML 9Page - International Rectifier IRFS7730PbF Datasheet HTML 10Page - International Rectifier IRFS7730PbF Datasheet HTML 11Page - International Rectifier IRFS7730PbF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
 
IRFB/S/SL7730PbF
12
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014
†
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Applicable version of JEDEC standard at the time of product release.
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
D2Pak (TO-263AB) Tape & Reel Information (Dimensions are shown in millimeters (inches))
Qualification Information†  
Qualification Level  
Industrial
(per JEDEC JESD47F) ††
Moisture Sensitivity Level
TO-220
N/A
RoHS Compliant
Yes
D2Pak
MSL1
TO-262
N/A
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Revision History
Date
Comments
11/7/2014
 Updated EAS (L =1mH) = 898mJ on page 2
 Updated note 9 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 42A, VGS =10V” on page 2
 Updated package outline on page 9,10,11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com