Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4032-2 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4032-2 Datasheet HTML 12Page - Monolithic Power Systems MP4032-2 Datasheet HTML 13Page - Monolithic Power Systems MP4032-2 Datasheet HTML 14Page - Monolithic Power Systems MP4032-2 Datasheet HTML 15Page - Monolithic Power Systems MP4032-2 Datasheet HTML 16Page - Monolithic Power Systems MP4032-2 Datasheet HTML 17Page - Monolithic Power Systems MP4032-2 Datasheet HTML 18Page - Monolithic Power Systems MP4032-2 Datasheet HTML 19Page - Monolithic Power Systems MP4032-2 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
16
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
MULT Pin Resistor Divider
The MULT pin resistor divider requires careful
tuning because the MULT voltage determines the
COMP voltage level, which directly influences the
dimming curve and performance. Test the
estimated divider values with different types of
TRIAC dimmers to determine precise resistor
values: typically use the divider for a COMP level
of 2.3V at 120VAC input.
Add a ceramic X7R capacitor to the MULT pin to
absorb the switching-frequency ripple on the
MULT voltage for accurate dimming-phase
detection. Increasing the capacitance can further
smooth the MULT voltage, but increase the input-
line voltage phase shift and diminish the power
factor. Typical values are between 2.2nF and
8.2nF.
VCC Power Supply
After the system starts up, the auxiliary winding
takes over the VCC power supply through a
rectifying diode with a relatively small current-
limiting resistor because of the limited power
dissipation. The bulk capacitor stabilizes the VCC
voltage to limit the ripple—most applications use
22μF. Use the following equation to determine
the voltage rating of the rectifying diode:

aux
D
max
in _ max
aux _ negtive _ spike
L
N
VVCC
V
V
N
Where VCCmax is the maximum VCC voltage,
typically 27V, Naux and NL are the auxiliary
winding and inductor winding turns, Vaux_negtive_spike
is the maximum negative spike on auxiliary
winding.
Layout Guide
PCB layout is very important to achieve reliable
operation,
and
good
EMI
and
thermal
performance. Follow these guidelines to optimize
performance.
1) Design a short main-power path. Directly
connect the sense resistor GND return to the
input capacitor. Use the largest-possible
copper pour for the power devices for good
thermal performance.
2) Separate the power GND and the analog
GND, and connect them together only at an
IC GND pin.
3) Place the components as close as possible to
the corresponding IC pins. The ZCD pin
bypass
capacitor
and
the
COMP
pin
capacitor have priority.
4) Separate the input high voltage wire from
other components and GND to avoid surge
failures. Select the pull-down resistors for the
BUS line to the active damping circuit and the
MULT pin for the DIP package.
5) Place the output rectifying diode as close as
possible to the output filter capacitor, and use
a short trace from the inductor output return
pin to the return point of the output filter
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com