Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4032-2 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4032-2 Datasheet HTML 9Page - Monolithic Power Systems MP4032-2 Datasheet HTML 10Page - Monolithic Power Systems MP4032-2 Datasheet HTML 11Page - Monolithic Power Systems MP4032-2 Datasheet HTML 12Page - Monolithic Power Systems MP4032-2 Datasheet HTML 13Page - Monolithic Power Systems MP4032-2 Datasheet HTML 14Page - Monolithic Power Systems MP4032-2 Datasheet HTML 15Page - Monolithic Power Systems MP4032-2 Datasheet HTML 16Page - Monolithic Power Systems MP4032-2 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
13
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
+
Vcc
ZCD
Auxiliary Winding
RZCD1
0.35V
Valley
signal
RZCD2
CZCD
Figure 4: Zero-Current Detector
As a result, there are virtually no switch turn-on
losses and no output diode reverse-recover
losses. It ensures high efficiency and low EMI
noise.
Real-Current Control
The proprietary real-current control allows the
MP4032-2 to control the LED current by sampling
the inductor current information through the CS
sensing resistor. The mean output LED current is
approximately:
FB
o
s
V
I
2R
Where:
VFB is the internal reference voltage (typically
0.403V)
Rs is the sensing resistor connected between the
CS pin and GND.
Auto Start
The MP4032-2 integrates an auto starter. The
starter begins a timer when the MOSFET turns
on. If ZCD fails to send out another turn-on signal
after 130µs, the starter will automatically send a
turn-on
signal
to
avoid
unnecessary
IC
shutdowns from a missed zero-current detection.
Minimum Off Time
The MP4032-2 operates with variable switching
frequency. The frequency changes with the
instantaneous input line voltage. To limit the
maximum
frequency
and
improve
EMI
performance, the MP4032-2 employs an internal
minimum off-time limiter, with a minimum off-time
of 5.3µs.
Leading-Edge Blanking
An internal leading-edge blanking (LEB) unit is
employed between the CS pin and the current
comparator input to prevent the switching pulse
from prematurely terminating due to parasitic
capacitance discharge when the MOSFET turns
on. During the blanking time, the path from the
CS pin to the current comparator input is blocked.
Figure 5 shows the leading-edge blanking.
Figure 5: Leading-Edge Blanking
Output Over-Voltage Protection (OVP)
Output over-voltage protection can prevent
component damage during an over-voltage
condition. Since the auxiliary winding’s positive
voltage plateau is proportional to the output
voltage, OVP uses the auxiliary winding voltage
through the ZCD over-voltage detector instead of
directly monitoring the output voltage. The OVP
sampling unit is shown in Figure 6. Once the
ZCD pin voltage exceeds 5.3V, the OVP signal
triggers and latches, the gate driver turns off, and
the IC functions in quiescent mode until the VCC
voltage drops to 7.5V, which causes the system
to restart. The output OVP setting point can be
calculated as:

AUX
ZCD2
OUT _ OVP
L
ZCD1
ZCD2
NR
V5.3V
NR
R
VOUT_OVP is the output over-voltage protection
threshold,
NAUX is the number of auxiliary winding turns
NL is the number of inductor winding turns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com