Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4056
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4056 Datasheet HTML 13Page - Monolithic Power Systems MP4056 Datasheet HTML 14Page - Monolithic Power Systems MP4056 Datasheet HTML 15Page - Monolithic Power Systems MP4056 Datasheet HTML 16Page - Monolithic Power Systems MP4056 Datasheet HTML 17Page - Monolithic Power Systems MP4056 Datasheet HTML 18Page - Monolithic Power Systems MP4056 Datasheet HTML 19Page - Monolithic Power Systems MP4056 Datasheet HTML 20Page - Monolithic Power Systems MP4056 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
17
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Inductor current
Multiplier output
Figure 4: Power-Factor Correction
The
multiplier’s maximum output voltage to the
current comparator is clamped to VS_CLAMP_H to
limit the cycle-by-cycle current. The
multiplier’s
minimum output voltage is clamped to VS_CLAMP_L
to ensure a turn-on signal during the TRIAC
dimming OFF interval, which pulls down the
rectifier input voltage and accurately detects the
dimming phase.
VCC Timing Sequence
The VCC timing sequence is shown in Figure5.
Initially,
VCC
charges
through
the
internal
charging circuit from the AC line. When VCC
reaches VCCH, the internal charging circuit stops
charging, the control logic initializes and the
internal main MOSFET begins to switch. The
auxiliary winding takes over the power supply.
However, the initial auxiliary-winding positive
voltage may not be large enough to charge VCC,
causing VCC to drop. Instead, if the VCC voltage
drops below VCCL threshold, the internal charging
circuit triggers and charges VCC to VCCH again.
This cycle repeats until the auxiliary winding
voltage is high enough to power VCC.
If any fault occurs during this time, the switching
and the internal charging circuit stops, and VCC
drops. When VCC decreases below VCCEN, the
internal re-charge is enabled to auto-restart.
VCCH
Vcc
Internal
Charging Circuit
And Regulates the VCC
Auxiliary Winding Takes Charge
Fault happens
Gate
Switching Pulses
VCCL
VCCEN
Figure 5: VCC Timing Sequence
Auto Start
The MP4056 contains an auto starter that starts
timing when the MOSFET turns off. If ZCD fails
to send a turn-on signal after tSTART, the starter
will automatically send a turn-on signal to avoid
unnecessary shutdown.
Minimum OFF Time
MP4056 operates with a variable switching
frequency; the frequency changes with the
instantaneous input line voltage. In order to limit
the maximum frequency and get a good EMI
performance, the MP4056 employs an internal
minimum off time.
Leading-Edge Blanking
In order to avoid premature switching-pulse
termination due to the parasitic capacitances
discharging when the MOSFET turns on, an
internal leading-edge-blanking (LEB) time is
introduced on S. The current comparator blocks
the input path from S pin during the blanking time.
Figure 6 shows the leading-edge blanking.
t LEB
VS
t
Figure 6: Leading-Edge Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com