Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4056 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4056
Description  TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4056 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4056 Datasheet HTML 1Page - Monolithic Power Systems MP4056 Datasheet HTML 2Page - Monolithic Power Systems MP4056 Datasheet HTML 3Page - Monolithic Power Systems MP4056 Datasheet HTML 4Page - Monolithic Power Systems MP4056 Datasheet HTML 5Page - Monolithic Power Systems MP4056 Datasheet HTML 6Page - Monolithic Power Systems MP4056 Datasheet HTML 7Page - Monolithic Power Systems MP4056 Datasheet HTML 8Page - Monolithic Power Systems MP4056 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MP4056—TRIAC DIMMABLE, NON-ISOLATED OFFLINE LED CONTROLLER WITH APFC
MP4056 Rev.1.01
www.MonolithicPower.com
4
11/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
COMP
VCC
1
2
3
4
5
6
7
8
DAMP
MULT
ZCD
D
GND
S
TOP VIEW
COMP
VCC
1
2
3
4
7
8
9
10
DAMP
MULT
ZCD
S
GND
NTC
5
6
D
DIM
TOP VIEW
COMP
VCC
1
2
3
4
11
12
13
14
DAMP
MULT
ZCD
S
GND
NTC
5
DIM
10
D
6
7
9
8
NC
NC
NC
NC
SOIC8
MSOP10
SOIC14
ABSOLUTE MAXIMUM RATINGS (1)
Input Voltage VCC ....................... -0.3V to +30V
Low-Side MOSFET Drain to Source Voltage
................................................... -0.7V to +30V
Damp Pin Voltage .................... -0.3V to +16.5V
Other Analog Inputs and Outputs.. -0.3V to 6.5V
ZCD Pin Current ......................... -5mA to +5mA
Continuous Power Dissipation
(TJ = +25°C)(2)
SOIC8........................................................1.3W
SOIC14....................................................1.45W
MSOP10 ..................................................0.83W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VCC ........................ 11V to 27V
Operating Junction Temp (TJ). . -40C to +125C
Thermal Resistance
(4)
θJA
θJC
SOIC-8 ................................... 96 ...... 45... °C/W
MSOP-10 .............................. 150 ..... 65... °C/W
SOIC-14 ................................. 86 ...... 38... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com