Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP4060
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP4060 Datasheet HTML 17Page - Monolithic Power Systems MP4060 Datasheet HTML 18Page - Monolithic Power Systems MP4060 Datasheet HTML 19Page - Monolithic Power Systems MP4060 Datasheet HTML 20Page - Monolithic Power Systems MP4060 Datasheet HTML 21Page - Monolithic Power Systems MP4060 Datasheet HTML 22Page - Monolithic Power Systems MP4060 Datasheet HTML 23Page - Monolithic Power Systems MP4060 Datasheet HTML 24Page - Monolithic Power Systems MP4060 Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
21
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
If the leading-edge dimmer is detected, the
dimming pull-down current source turns on when
MULT decreases to VMULT_DP_ON_LD, and it turns off
when MULT increases to VMULT_DP_OFF_LD. If the
trailing-edge dimmer is detected, the dimming
pull-down current source turns on when MULT
decreases to VMULT_DP_ON_TL, and it turns off when
MULT increases to VMULT_DP_OFF_TL.
The weak/strong dimming pull-down current
sources
are
selected
through
different
resistances on ZCD. Figure 17 shows the
selected logic:
If IDP_DET_LD *(R1+R2//R3) ≥ VEN_DP_STR_LD, a
strong dimming pull-down current source is
selected; otherwise, a weak dimming pull-down
current source is selected.
In real application design, the weak/strong
dimming pull-down current selection is related to
the detailed application SPEC.
Figure 17—Weak/strong dimming pull-down
current source selection
Damping Circuit Control
If a leading-edge dimmer or trailing-edge dimmer
is detected, the damping circuit is enabled to limit
the inrush current the moment the dimmer turns
on. If no dimmer is detected, the damping circuit
is disabled by pulling up the damp pin voltage, so
the damping resister is shorted by the damping
MOSFET. The damp pin voltage is pulled up if
MULT
voltage
increases
higher
than
VMULT_DAMP_ON. It is pulled down when MULT
voltage decreases lower than VMULT_DAMP_OFF. The
maximum pull-up current source is 100 μA while
the maximum pull-down current source is 400 μA.
Color Temperature and Brightness Control
for Warm Sunset Dimming application
The color temperature and brightness control
circuit is shown in Figure 18.
Figure 18—Color temperature and brightness
control circuit
DIM of MP4060 outputs a driving signal for the
external MOSFET. The DIM control logic is
shown in Figure 19.
Figure 19—DIM signal logic
The DIM turn-on signal is the compliment signal
of the dimming turn-on signal. This means the
longer the dimming turn-on cycle, the smaller the
DIM turn-on cycle. The DIM stays low and the
output current flows only through the 1st LED
string when the dimming turn-on cycle is greater
than 70 percent. As the dimming turn-on cycle
decreases,
the
DIM
turn-on
duty
cycle
proportionally increases the current in the 2nd
LED string. The total current through the 1st string
and the 2nd string remains constant. This current
balance
achieves
color
temperature
and
brightness control. The maximum current through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com