Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4060 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4060
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4060 Datasheet HTML 8Page - Monolithic Power Systems MP4060 Datasheet HTML 9Page - Monolithic Power Systems MP4060 Datasheet HTML 10Page - Monolithic Power Systems MP4060 Datasheet HTML 11Page - Monolithic Power Systems MP4060 Datasheet HTML 12Page - Monolithic Power Systems MP4060 Datasheet HTML 13Page - Monolithic Power Systems MP4060 Datasheet HTML 14Page - Monolithic Power Systems MP4060 Datasheet HTML 15Page - Monolithic Power Systems MP4060 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
12
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VMULT
500mV/div.
IIN
100mA/div.
Steady State
VIN=230VAC/50Hz, Full Load
VZCD
5V/div.
VS
500mV/div.
VCC
20V/div.
VMULT
500mV/div.
IOUT
100mA/div.
VDAMP
10V/div.
VBD
5V/div.
VMULT
500mV/div.
IOUT
100mA/div.
VCOMP
2V/div.
VBD
1V/div.
VMULT
500mV/div.
IIN
100mA/div.
VDAMP
1V/div.
VCOMP
2V/div.
VMULT
500mV/div.
IIN
50mA/div.
VBD
1V/div.
VCOMP
2V/div.
VMULT
500mV/div.
IIN
50mA/div.
IOUT
100mA/div.
VCOMP
2V/div.
VMULT
500mV/div.
IIN
100mA/div.
VCOMP
2V/div.
VCOMP
1V/div.
VDAMP
20V/div.
VZCD
2V/div.
VBD
100mV/div.
VMULT
500mV/div.
Steady State
VIN=230VAC/50Hz, Full Load
VIN Start Up
VIN=230VAC/50Hz, Full Load
Steady State
VIN=230VAC/50Hz, Full Load
Dimming Performance
Max dimming on phase
with leading-edge dimmer
VIN=230VAC/50Hz
Dimming Performance
Max dimming on phase
with trailing-edge dimmer
VIN=230VAC/50Hz
Dimming Performance
Min dimming on phase
with trailing-edge dimmer
VIN=230VAC/50Hz
Dimming Performance
Min dimming on phase
with leading-edge dimmer
VIN=230VAC/50Hz
OVP
LED load open at normal operation
VIN=230VAC/50Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com