Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4088GS
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4088GS Datasheet HTML 11Page - Monolithic Power Systems MP4088GS Datasheet HTML 12Page - Monolithic Power Systems MP4088GS Datasheet HTML 13Page - Monolithic Power Systems MP4088GS Datasheet HTML 14Page - Monolithic Power Systems MP4088GS Datasheet HTML 15Page - Monolithic Power Systems MP4088GS Datasheet HTML 16Page - Monolithic Power Systems MP4088GS Datasheet HTML 17Page - Monolithic Power Systems MP4088GS Datasheet HTML 18Page - Monolithic Power Systems MP4088GS Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
APPLICATION INFORMATI
Selecting the Inductor
The MP4088 has a minimum off-tim
inductor current ripple at CCM is de
the inductor value and the minim
limit. The current ripple is limited
achieve a tradeoff between the p
and the dimming performance. The
value can be calculated with Equatio
OUT
OFF _ MIN
PEAK
Vt
L
0.8 I
×
=
×
If the inductance value is too larg
switching frequency is low and
performance is good. However,
dimming performance is poor in this
the inductance value is too small,
dimming performance is good, but
may work in an open-loop condition
current consistency poor. Therefore
must be made.
Freewheeling Diode
The diode should have a maximu
voltage rating greater than the max
voltage. The current rating of th
determined by the output current, w
be larger than 1.5 to 2 times the outp
Slow diodes cause excessive and
leading edge current spikes during
long reverse-recovery time of the f
diode can affect efficiency and circu
as well. An ultrafast diode (trr < 75n
WUGC10JH or ES1G, is recommen
Over-Voltage Protection (OVP) Po
A feedback resistor is used to dete
voltage
condition.
Figure
7
s
connection of the feedback resistor.
The
MP4088
employs
an
o
protection (OVP). When OVP is tr
maximum output voltage can be cal
Equation (5):
OUT _ OVP
OVP
R2 R3
VV
R2
+
=⋅
−
Where VD is the freewheeling dio
voltage drop.
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
ION
me limit. The
etermined by
mum off-time
to 80% to
power factor
e inductance
on (4):
(4)
ge, then the
d the EMI
the TRIAC
condition. If
the TRIAC
the system
, making the
e, a tradeoff
um reverse-
ximum input
he diode is
which should
put current.
d unwanted
g start-up. A
freewheeling
uit operation
ns), such as
ded.
oint Set
ect an over-
shows
the
over-voltage
iggered, the
lculated with
D
V
−
(5)
ode forward
Figure 7: Feedback Res
The upper feedback resis
larger than 100kΩ to a
reduction in the applicatio
type is recommended to
protection.
Dummy Load
The dummy load is used to
transferred to the output c
occurs. The IC works in h
any power consumption.
Normally, a dummy load
recommended. This does
system efficiency but can
over-voltage protection.
Surge
Place an appropriate RCD
diode
rectifier
bridge
f
performance.
For
most
1µF/400V electrolytic capa
diode is recommended. Th
large as 1MΩ to reduce
normal operation.
RIVER FOR 230VAC
15
ohibited.
istor Connection
stor (R3) should be
avoid an efficiency
on. A 1% tolerance
o achieve accurate
o consume the power
capacitor when OVP
hiccup mode without
less than 1mA is
not deteriorate the
n guarantee normal
snubber beside the
for
optimal
surge
t
applications,
a
acitor with a 1000V
e resistor can be as
power loss during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com