Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4088GS
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4088GS Datasheet HTML 12Page - Monolithic Power Systems MP4088GS Datasheet HTML 13Page - Monolithic Power Systems MP4088GS Datasheet HTML 14Page - Monolithic Power Systems MP4088GS Datasheet HTML 15Page - Monolithic Power Systems MP4088GS Datasheet HTML 16Page - Monolithic Power Systems MP4088GS Datasheet HTML 17Page - Monolithic Power Systems MP4088GS Datasheet HTML 18Page - Monolithic Power Systems MP4088GS Datasheet HTML 19Page - Monolithic Power Systems MP4088GS Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
PACKAGE INFORMATION
0.016(0.41)
0.050(1.27)
0
o-8o
DETAIL "A"
0.010(0.25)
0.020(0.50)
x 45
o
0.1
0.1
PIN 1 ID
0.050(1.27)
BSC
0.013(0.3
0.020(0.5
S
0.004
0.010
0.189(4.80)
0.197(5.00)
0
0
TOP VIEW
FRONT VIEW
14
85
0.010(0.25) BSC
GAUGE PLANE
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
(continued)
SOIC8-7A
o
SEE DETAIL "A"
50(3.80)
57(4.00)
33)
51)
SEATING PLANE
4(0.10)
0(0.25)
0.053(1.35)
0.069(1.75)
0.228(5.80)
0.244(6.20)
SIDE VIEW
RECOMMENDED LAND PA
0.063(1.60)
0
0.024(0.61)
NOTE:
1) CONTROL DIMENSION IS IN INCHES.
BRACKET IS IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCL
PROTRUSIONS OR GATE BURRS.
3) PACKAGE WIDTH DOES NOT INCLU
OR PROTRUSIONS.
4) LEAD COPLANARITY(BOTTOM OF L
SHALL BE0.004" INCHES MAX.
5) JEDEC REFERENCE IS MS-012.
6) DRAWING IS NOT TO SCALE.
RIVER FOR 230VAC
19
ohibited.
0.0075(0.19)
0.0098(0.25)
ATTERN
0.213(5.40)
0.050(1.27)
S. DIMENSION IN
LUDE MOLD FLASH
,
UDE INTERLEAD FLASH
LEADS AFTER FORMING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com