Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5408M Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5408M
Description  36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5408M Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5408M Datasheet HTML 8Page - Monolithic Power Systems MP5408M Datasheet HTML 9Page - Monolithic Power Systems MP5408M Datasheet HTML 10Page - Monolithic Power Systems MP5408M Datasheet HTML 11Page - Monolithic Power Systems MP5408M Datasheet HTML 12Page - Monolithic Power Systems MP5408M Datasheet HTML 13Page - Monolithic Power Systems MP5408M Datasheet HTML 14Page - Monolithic Power Systems MP5408M Datasheet HTML 15Page - Monolithic Power Systems MP5408M Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP5408M – 36V, 6A, STEP-DOWN CONVERTER W/ DUAL USB CHARGING PORTS
MP5408M Rev. 1.1
www.MonolithicPower.com
12
8/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 1: Recommended Resistor Values for
Typical Switching Frequency
RFREQ
(kΩ)
FS
(kHz)
0
235
66.5
350
NS
450
45.8
500
22.3
1000
14.6
1500
9.53
2200
Two internal comparators monitor FREQ's logic
voltage to enable FREQ to float or short to GND.
During power-up, there is another internal
source current on FREQ. The frequency is
locked at 450kHz when a voltage greater than
2V and a current greater than 8µs is sensed on
FREQ. The frequency is locked at 235kHz
when a voltage less than 0.1V and a current
greater than 8µs is sensed on FREQ. Leave
FREQ floating or connect FREQ to VCC to
achieve the 450kHz default switching frequency.
Short FREQ to ground to achieve a 235kHz
frequency (see Figure 4).
Figure 4: Switching Frequency Functional Block
Electromagnetic Interference (EMI)
Based on MPS’s flip-chip package technology,
the MP5408M integrates two sets of EMI filters
to reduce the input path’s parasitic inductance
dramatically. Simultaneously, the input pin and
GND
pin
are
assigned
on
two
sides
symmetrically, partially cancelling the magnetic
field inside those two filters (see Figure 5). The
magnetic field in the overlap area (A1) is
partially cancelled.
Using the above technique, the radiated
emission performance is improved greatly.
Figure 5: EMI Reduction
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The UVLO comparator monitors the input
voltage. The UVLO rising threshold is 5V, and
its falling threshold is 4.3V.
Internal Soft Start (SS)
Soft start (SS) prevents the converter output
voltage from overshooting during start-up.
When the chip starts up, the internal circuitry
generates a SS voltage that ramps up from 0V
to 5V. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF
as the reference. The SS time is set to 2ms
internally. If the output of the MP5408M is pre-
biased to a certain voltage during start-up, the
IC disables the switching of both the high-side
and low-side switches until the voltage on the
internal SS capacitor exceeds the internal
feedback voltage.
Forced CCM Operation
The MP5408M works in forced continuous
conduction mode (CCM) continuously. The
MP5408M operates in a fixed switching
frequency regardless of whether it is operating
in light load or full load. The advantage of CCM
is the controllable frequency, smaller output
ripple, and sufficient bootstrap charge time, but
it also has low efficiency at light-load condition.
A proper inductance should be selected to
avoid triggering the low-side switch's negative
current limit (typically 2A, from SW to GND). If
the negative current limit is triggered, the low-
side switch turns off, and the high-side switch
turns on when the internal clock comes around.
Buck Over-Current Protection (OCP)
The MP5408M has a cycle-by-cycle over-
current limit when the inductor peak current
exceeds the current-limit threshold, and the FB
voltage drops below the under-voltage (UV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com