Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5408M Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5408M
Description  36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5408M Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5408M Datasheet HTML 9Page - Monolithic Power Systems MP5408M Datasheet HTML 10Page - Monolithic Power Systems MP5408M Datasheet HTML 11Page - Monolithic Power Systems MP5408M Datasheet HTML 12Page - Monolithic Power Systems MP5408M Datasheet HTML 13Page - Monolithic Power Systems MP5408M Datasheet HTML 14Page - Monolithic Power Systems MP5408M Datasheet HTML 15Page - Monolithic Power Systems MP5408M Datasheet HTML 16Page - Monolithic Power Systems MP5408M Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP5408M – 36V, 6A, STEP-DOWN CONVERTER W/ DUAL USB CHARGING PORTS
MP5408M Rev. 1.1
www.MonolithicPower.com
13
8/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
threshold (typically 50% below the reference).
Once UV is triggered, the MP5408M enters
hiccup mode to restart the part periodically.
This protection mode is especially useful when
the output is dead-shorted to ground. This
reduces the average short-circuit current greatly,
alleviates thermal issues, and protects the
regulator. The MP5408M exits hiccup mode
once the over-current condition is removed.
Buck Output Over-Voltage Protection (OVP)
The
MP5408M
has
output
over-voltage
protection (OVP). If the output is higher than
5.85V, the high-side switch stops turning on.
The low-side switch turns on to discharge the
output voltage until the output decreases to
5.7V, and then the chip resumes normal
operation.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. The
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN and VCC
through D1, D2, M1, C4, L1 and C2 (see Figure
5). BST capacitor C4 voltage will be charged
up quickly by VCC through M1. The 2.5μA input
to BST current source also can charge the BST
capacitor when low-side switch doesn't turn-on.
Figure 6: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both IN and EN exceed their respective
thresholds, the chip is enabled. The reference
block starts first, generating a stable reference
voltage and current, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: EN low, IN
low, and thermal shutdown. In shutdown, the
signaling path is blocked to avoid any fault
triggering. Then VCOMP and the internal supply
rail are pulled down. The floating driver is not
subject to this shutdown command.
Buck Output Impedance
The Buck doesn't involve output discharge
function during EN shutdown. After EN
shutdown, there is only two feedback resistor
connected to the OUT pin, which has a typical
resistance of 175kΩ in total. Refer to the block
diagram.
USB CURRENT-LIMIT SWITCH SECTION
Over-Current Protection (OCP) and Hiccup
The MP5408M integrates two USB current-limit
switches. The MP5408M provides built-in soft-
start circuitry which controls the rising slew rate
of the output voltage to limit inrush current and
voltage surges.
When the load current reaches the current-limit
threshold the USB power MOSFET works in
constant current-limit mode (see Figure 7). If
the over-current limit condition lasts more than
5ms (VOUT does not drop too low), the
corresponding USB channel enters hiccup
mode with 5ms of on-time and 2s of off-time.
Another USB channel works normally.
Figure 7: Over-Current Limit
After the soft start finishes, if the USB output
voltage is lower than 3.5V and lasts longer than
50µs, the MP5408M enters hiccup without
having to wait 5ms (see Figure 8). This can
prevent abnormal thermal rise during the
constant resistor (CR) load over-current case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com