Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5455 Datasheet HTML 8Page - Monolithic Power Systems MP5455 Datasheet HTML 9Page - Monolithic Power Systems MP5455 Datasheet HTML 10Page - Monolithic Power Systems MP5455 Datasheet HTML 11Page - Monolithic Power Systems MP5455 Datasheet HTML 12Page - Monolithic Power Systems MP5455 Datasheet HTML 13Page - Monolithic Power Systems MP5455 Datasheet HTML 14Page - Monolithic Power Systems MP5455 Datasheet HTML 15Page - Monolithic Power Systems MP5455 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
12
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting Input Capacitor and TVS
Capacitors at VIN are recommended to absorb
possible voltage spikes during input power turn-
on, input switch hard-off (during power-off), or
other
special
conditions.
The
application
determines the capacitor. For example, if the
input power trace is too long (with higher
parasitic inductance) during the input switch
hard-off period, more energy pumps into the
input. This means more input capacitors are
needed to ensure that the input voltage spike
remains in a safe range. Use a capacitor 0.1µF
or larger based on the spike condition.
Consider inrush current requirements when
selecting an input capacitor. Typically, more
input capacitors result in a higher input inrush
current during hot-plugging. A smaller input
capacitor is needed for a smaller inrush current.
The MP5455 works normally with a very small
input capacitor. However, this leads to a
possible high voltage spike. An efficient solution
is to add a TVS diode at the input to absorb the
possible input voltage spike. At the same time,
keep the inrush current small during hot-
plugging. A typical TVS diode, like SMA6J5.0A,
is recommended.
Setting the Storage Voltage
Set the storage voltage by choosing the
external feedback resistors (R9 and R10) (see
Figure 4).
Figure 4: Storage Feedback Circuit
The storage voltage is determined with
Equation (1):
STORAGE
FBS
R9
V(1
) V
R10

(1)
Where VFBS is 0.79V, typically. R9 and R10 are
not critical for normal operation.
Select a higher R9 and R10 value to account
for the bleed current. For example, if R10 is
14kΩ, calculate R9 with Equation (2):
STORAGE
FBS
FBS
14k
(V
V
)
R9
V

(2)
For a 12V storage voltage, R9 is 200kΩ.
Table 1 lists the recommended resistors for
different storage voltages.
Table 1: Resistor Pairs for VSTORAGE
VSTORAGE (V)
R9 (kΩ)
R10 (kΩ)
8
127
14
12
200
14
20
340
14
Selecting the Release Voltage and VB
Capacitors
Select the release voltage by choosing the
external feedback resistors R1 and R2 (see
Figure 5).
Figure 5. Release Feedback Circuit
Similarly, the release voltage is calculated with
Equation (3):
RELEASE
FBB
R1
V(1
) V
R2

(3)
Where VFBB is 0.79V, typically. Generally, select
R1 to be about 10kΩ and CB to be 22µF to
47µF. Table 2 lists the recommended resistor
values for different release voltages.
Table 2: Resistor Pairs for VRELEASE
VRELEASE (V)
R1 (kΩ)
R2 (kΩ)
4.2
10.5
2.43
2.9
10.7
4.02
R9
R10
Cstorage
STRG
FBS
R1
R2
VB
FBB
CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com