Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5455
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5455 Datasheet HTML 9Page - Monolithic Power Systems MP5455 Datasheet HTML 10Page - Monolithic Power Systems MP5455 Datasheet HTML 11Page - Monolithic Power Systems MP5455 Datasheet HTML 12Page - Monolithic Power Systems MP5455 Datasheet HTML 13Page - Monolithic Power Systems MP5455 Datasheet HTML 14Page - Monolithic Power Systems MP5455 Datasheet HTML 15Page - Monolithic Power Systems MP5455 Datasheet HTML 16Page - Monolithic Power Systems MP5455 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
13
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Selecting the Storage Capacitor
The storage capacitor stores energy during
normal operation and releases this energy
to VB when VIN loses input power. Use a
general-purpose electrolytic capacitor or low-
profile POS capacitor for most applications.
One 4.7µF ceramic capacitor is recommended
if the electrolytic capacitor ESR is high.
Select a storage capacitor with a voltage rating
that exceeds the targeted storage voltage.
Consider the capacitance reduction with the DC
voltage offset when choosing the capacitors.
Different capacitors have different capacitance
de-rating performances. Choose a capacitor
with enough voltage rating to guarantee enough
capacitance.
The required capacitance depends on the
length of the dying gasp for a typical application.
Assume the release current is IRELEASE when VB
is regulated at VRELEASE for the DC/DC converter,
the storage is VSTORAGE, and the required dying
gasp time is τDASP. The required storage
capacitance is then calculated with Equation (4):
2
2
2
RELEASE
STORAGE
DASP
RELEASE
RELEASE
S
V
V
I
V
C
(4)
Consider the power loss during release. The
buck converter can run up to 85% efficiency in
most applications. Select storage capacitance
at 1.18xCS to ensure enough releasing time. If
IRELEASE = 1A, τDASP = 20ms, VSTORAGE = 23.5V,
and VRELEASE = 3.2V, then the required storage
capacitance is 280μF.
For typical applications using a 5V input supply,
set the storage voltage above 10V to utilize the
high-voltage energy fully and minimize storage
capacitance requirements. Use a 16V POS
capacitor or 25V electrolytic capacitors.
Selecting the External Diode
An external diode parallel with the high-side
power MOSFET (HS-FET) is optional for
normal charge mode operation. This diode
improves the boost efficiency if the boost peak
current is high. The voltage rating should be
higher than the storage voltage, and the current
rating should be higher than the current
programmed by ICH.
Setting the Input Hot-Swap Current Limit
Connect a resistor from ILIM to GND to set the
current limit value. For example, a 1.2kΩ
resistor sets the current limit to about 4.1A.
Table 3 lists the recommended resistors for
different current limit values.
Table 3: ILIM vs. RLIM
ILIM (A)
RLIM (kΩ)
4.6
1.07
4.1
1.2
3.7
1.4
1.6
3.2
Selecting the Inductor
The inductor is necessary to supply constant
current to the load. Since boost mode and buck
mode share the same inductor and the buck
mode current is generally higher, an inductor
that at least supports the buck mode releasing
current is recommended.
Select the inductor based on the buck release
mode. If the storage voltage is VS, then the
release voltage is VR, and the buck running is
fixed at 500kHz. The inductance value can be
calculated with Equation (5):
RR
LSW
S
VV
L(1
)
IF
V
 

(5)
Where ∆IL is the peak-to-peak inductor ripple
current, which can be set in the range of 30% to
40% of the full releasing current.
The inductor should not saturate under the
maximum inductor peak current.
Setting the Bus Voltage Rise Time
Connect a capacitor to DVDT to set the bus
voltage start-up slew rate and soft-start time.
Leave DVDT floating for the default soft-start
time (around 0.9ms from 0V to 5V). Table 4 lists
the recommended capacitors for different soft-
start times at a 5V input condition.
Table 4: Soft Start vs. Capacitor Value
τR (mS)
Cdv/dt (nF)
10
10
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com